Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RACD60 Datasheet(PDF) 1 Page - Recom International Power

Part # RACD60
Description  60 Watt PFC Single Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACD60 Datasheet(HTML) 1 Page - Recom International Power

  RACD60 Datasheet HTML 1Page - Recom International Power RACD60 Datasheet HTML 2Page - Recom International Power RACD60 Datasheet HTML 3Page - Recom International Power RACD60 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
26
www.recom-electronic.com
REV: 3/2011
Please Read Application Notes
LIGHTLINE
AC/DC-Converter
with 5 year Warranty
RACD60
60 Watt PFC
Single Output
● 60W Class II AC-DC LED Power Supply
● Dual Mode CV or CC Output
● Power Factor Corrected
● Universal Input Voltage Range
● User Adjustable Current Limit (/OF)
● Thermal Feedback Dimming (/TOF)
● Waterproof Enclosure (/IP67)
● cUL/UL8750 Certified, CE Marked
● High Efficiency
● Long 5 Year Warranty
Features
LED DRIVER
Selection Guide
Part
Output
Output
Preset
Efficiency Output
Number
Voltage Range
Current Range
Current
(230VAC) Power
(min - max)
(min - max)
Limit
Typ.
Range
RACD60-4200/OF*
11 - 13.5V
3570 - 4200mA
4.2A
85%
40-60W
RACD60-xxxx/IP67
11 - 13.5V
(xxxx =3370-4200)
xxxx
RACD60-2400/OF*
17 - 24V
2150 - 2500mA
2.4A
87%
30-60W
RACD60-xxxx/IP67
17 - 24V
(xxxx =2150-2500)
xxxx
RACD60-2100/OF*
21 - 28V
1400 - 2140mA
2.1A
89%
30-60W
RACD60-1400/OF
21 - 28V
1400 - 2140mA
1.4A
RACD60-xxxx/IP67
21 - 28V
(xxxx =1400-2140)
xxxx
RACD60-1050/OF*
38 - 54V
700 - 1100mA
1.0A
89%
27-60W
RACD60-700/OF
38 - 54V
700 - 1100mA
0.7A
RACD60-xxxx/IP67
38 - 54V
(xxxx =700 - 1100)
xxxx
Standard is /OF open frame version (output current limit adjustable with on-board trimmer)
* use suffix /TOF for open frame version with thermal feedback (output current limit adjustable with ext. voltage)
Suffix /IP67 is for waterproof potted version (non-adjustable - preset output currents only)
Input Voltage Range
All Versions
90-264VAC
Rated Power
60 Watts max.
Input Frequency Range
All Versions
50/60 Hz
Power Factor Correction
Full Load, 115VAC/230VAC
> 0.9
Input Current (full load)
115VAC/230VAC
0.8A / 0.4A max.
Inrush Current (cold start)
115VAC/230VAC
25A / 50A max.
Leakage Current
230VAC/63Hz
<0.7mA max.
Input Fuse
Built-in
3.15A Slow Blow
Output Current Accuracy
Full load
±5%
Output Current Adjust
Preset Potentiometer (/OF)
75% to 100% approx.
External Voltage (/TOF)
Line Voltage Regulation
LL to HL at Full Load
±4% typ.
Load Voltage Regulation
60% to 100% Load
±5% typ.
Minimum Load Current
see table
Output Ripple and Noise
20MHz limited,with 0.1µF + 47µF
5Vp-p max.
Operating Frequency
All Versions
65kHz typ.
Efficiency at Full Load
see table
Isolation Voltage (60Hz RMS)
input to output (/OF, /TOF Version)
3.75kVAC / 1 minute
input to output (/IP67 Version)
4kVAC / 1 minute
input to filter ground
1880VAC / 1 minute
output to filter ground
500VAC / 1 minute
Temperature Coefficient
All Versions
±0.02%/°C typ.
Overload Protection
All Versions
105% typ.
Short Circuit Protection
Continuous, Hiccup, Automatic Restart
Description
Specifications (typical at 25°C and after warm up time unless otherwise specified )
The RACD60 is a compact universal input voltage
60W constant voltage/constant current power
module suitable for driving high power LEDs.
The LED driver has a dual mode of operation:-
CV mode: at loads below the preset current limit,
the RACD60 behaves as a fixed voltage source.
CC mode: at loads above the preset current limit,
the RACD60 behaves as a fixed current source.
Thus the same power supply can be used with
both CV and CC LED modules.
The RACD60 series have a universal input voltage
range with active power factor correction and are
fully protected against output short circuit, over-
load and over-temperature.
Two versions are available: a low cost open frame
with user-adjustable current limit and a sealed
IP67 potted version with fixed output currents for
outdoor and high humidity applications.
UL 8750 Certified
cUL 8750 Certified
EN 61347 Certified
RoHS
2002/95/EC
6/6
E340696


Similar Part No. - RACD60

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACD60 RECOM-RACD60 Datasheet
114Kb / 3P
60 Watt PFC Single Output
RACD60-1050 RECOM-RACD60-1050 Datasheet
114Kb / 3P
60 Watt PFC Single Output
RACD60-1050 RECOM-RACD60-1050 Datasheet
153Kb / 4P
60 Watt PFC Single Output
RACD60-1050A RECOM-RACD60-1050A Datasheet
98Kb / 2P
60 Watt PFC Single Output
RACD60-1200A RECOM-RACD60-1200A Datasheet
98Kb / 2P
60 Watt PFC Single Output
More results

Similar Description - RACD60

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACD12 RECOM-RACD12 Datasheet
90Kb / 2P
12 Watt PFC Single Output
RACD20 RECOM-RACD20 Datasheet
86Kb / 2P
20 Watt PFC Single Output
RACD60 RECOM-RACD60 Datasheet
114Kb / 3P
60 Watt PFC Single Output
RACD60_1104 RECOM-RACD60_1104 Datasheet
153Kb / 4P
60 Watt PFC Single Output
RACD20-350 RECOM-RACD20-350 Datasheet
134Kb / 2P
20 Watt PFC Single Output
RACD25-A RECOM-RACD25-A Datasheet
106Kb / 2P
25 Watt PFC Single Output
RACD35-A RECOM-RACD35-A Datasheet
114Kb / 2P
35 Watt PFC Single Output
RACD45-A RECOM-RACD45-A Datasheet
97Kb / 2P
45 Watt PFC Single Output
RACD60-A RECOM-RACD60-A Datasheet
98Kb / 2P
60 Watt PFC Single Output
RP60-G RECOM-RP60-G Datasheet
458Kb / 8P
60 Watt Single Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com