Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RACD60 Datasheet(PDF) 4 Page - Recom International Power

Part # RACD60
Description  60 Watt PFC Single Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACD60 Datasheet(HTML) 4 Page - Recom International Power

  RACD60 Datasheet HTML 1Page - Recom International Power RACD60 Datasheet HTML 2Page - Recom International Power RACD60 Datasheet HTML 3Page - Recom International Power RACD60 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.recom-international.com
29
REV:3/2011
LIGHTLINE
AC/DC-Converter
RACD60
Series
Application Information
LEDs are typically wired in series to make a string of LEDs and then the strings can be wired in parallel to generate enough light. If only two or
three strings are wired in parallel then it is recommended to add resistors (e.g. 0.5R) to each string to help balance out the LED currents in each
string. All strings must share a common heatsink for better current matching.
1st LED
Last LED
1st LED
Last LED
1st LED
Last LED
String 1
String 2
String n
A typical 1W high brightness white LED has a forward voltage of around 3.3V at its operating temperature and draws 350mA. Thus each LED
actually draws about 1.15W. Similarly, 3W white LEDs have usually the same forward voltage but can be run at 700mA or more. Using the LED
datasheet specification, the optimum LED arrangement and the best driver for each application can be worked out.
The tables below show some examples. Other LED combinations may have different forward voltages at their recommended operating currents.
1W LEDS
LED Arrangement
AC/DC Driver
24
2 Strings of 12
RACD60-700
26
2 Strings of 13
RACD60-700
28
4 Strings of 7
RACD60-1400
30
3 Strings of 10
RACD60-1050
33
3 Strings of 11
RACD60-1050
35
5 Strings of 7
RACD60-2100
35
7 Strings of 5
RACD60-2400
36
3 Strings of 12
RACD60-1050
39
3 Strings of 13
RACD60-1050
42
3 Strings of 14
RACD60-1050
42
7 Strings of 6
RACD60-2400
42
14 Strings of 3
RACD60-4200
45
3 Strings of 15
RACD60-1050
3W LEDS
LED Arrangement
AC/DC Driver
12
12 in series
RACD60-700
14
2 Strings of 7
RACD60-1400
18
3 Strings of 6
RACD60-2100
18
6 Strings of 3
RACD60-4200
High Power LEDs
LED Arrangement
AC/DC Driver
Cree MX-6
11 in series
RACD60-1050
Cree XP-G
3 in parallel
RACD60-2100
Lumiled Rebel
13 in series
RACD60-700
Lumiled Star
3 strings of 4
RACD60-2100
Bridgelux ES
3 in series
RACD60-1050
Heleion
Single Module
RACD60-1400
Thermal Feedback Application Example
L
Typical Values for 100k NTC thermistor:
RT = 100k@25°C (B=3900K)
R1 = 47k (derating starts at 75°C) or
R1 = 33k (derating starts at 85°C)
RACD60-xxxx/TOF
N
R1
1st LED
Last LED
+Vout
Dim
FG
-Com
RT
NTC
SIMPLE THERMAL FEEDBACK DIMMING CIRCUIT
thermal
contact
100%
25 35 45 55 65 75 85 95 105
Thermistor Temperature (°C)
50%
LED Current
10V
zener



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com