Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78TXX-TQ2-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 78TXX-TQ2-R
Description  3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78TXX-TQ2-R Datasheet(HTML) 4 Page - Unisonic Technologies

  78TXX-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 78TXX-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 78TXX-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 78TXX-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 78TXX-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 78TXX-TQ2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
78TXX
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R101-021,Ca
ABSOLUTE MAXIMUM RATINGS (Operating temperature range applies unless otherwise specified. )
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
35
V
Output Current
IOUT
0.5
A
Power Dissipation
PD
Internally Limited
W
Operating Junction Temperature
TJ
0~+125
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note:1. Absolute maximum ratings are stress ratings only and functional device operation is not implied. The device
could be damaged beyond Absolute maximum ratings.
2. The maximum steady state usable output current are dependent on input voltage, heat sinking, lead length
of the package and copper pattern of PCB. The data are showed as electrical characteristics table
represents pulse test conditions with junction temperatures specified at the initiation of test.
ELECTRICAL CHARACTERISTICS(T
J=25°C,CI =0.33uF,CO =0.1uF,PD≦7W,unless otherwise specified)
For 78T05 (VIN=10V, IOUT=0.5A)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOUT=5mA~0.5A
4.8
5
5.2
V
Output Voltage
VOUT
VIN =7.5~20V,IOUT=5mA~0.5A
4.75
5.25
V
IOUT=5mA~0.5A
100
mV
Load Regulation
ΔV
OUT
IOUT=5mA~200 mA
50
mV
VIN =7V~25V
100
mV
Line Regulation
ΔV
OUT
VIN =7.5~20V, IOUT=0.5A
50
mV
Quiescent Current
IQ
IOUT=0.5A
8
mA
VUT =7.5~20V
1
mA
Quiescent Current Change
ΔI
Q
IOUT=5mA~0.5A
0.5
mA
Output Noise Voltage
eN
10Hz≦f≦100kHz
40
uV
Temperature coefficient of VOUT
ΔV
OUT/ΔTIOUT=5mA
-0.6
mV/
°C
Ripple Rejection
RR
VIN =8~18V,f=120Hz
62
80
dB
Peak Output Current
IPEAK
1.2
A
Short-Circuit Current
ISC
VIN=35V
250
mA
Dropout Voltage
VD
2
V
For 78T06 (VIN=11V, IOUT=0.5A)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOUT=5mA~0.5A
5.76
6
6.24
V
Output Voltage
VOUT
VIN=8.5~21V,IOUT=5mA~0.5A
5.7
6.3
V
IOUT=5mA~0.5A
60
mV
Load Regulation
ΔV
OUT
IOUT=5mA~200mA
30
mV
VIN=8~25V
60
mV
Line Regulation
ΔV
OUT
VIN=8.5~21V, IOUT=0.5A
60
mV
Quiescent Current
IQ
IOUT=0.5A
8
mA
VIN =8.5~21V
1
mA
Quiescent Current Change
ΔI
Q
IOUT=5mA~0.5A
0.5
mA
Output Noise Voltage
eN
10Hz≦f≦100kHz
45
uV
Temperature coefficient of VOUT
ΔV
OUT/ΔTIOUT=5mA
-0.7
mV/
°C
Ripple Rejection
RR
VIN =9~19V,f=120Hz
59
75
dB
Peak Output Current
IPEAK
1.2
A
Short-Circuit Current
ISC
VIN=35V
250
mA
Dropout Voltage
VD
2
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com