Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78TXX-TQ2-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 78TXX-TQ2-R
Description  3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78TXX-TQ2-R Datasheet(HTML) 5 Page - Unisonic Technologies

  78TXX-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 78TXX-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 78TXX-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 78TXX-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 78TXX-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 78TXX-TQ2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
78TXX
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R101-021,Ca
ELECTRICAL CHARACTERISTICS(Cont.)
For 78T08 (VIN=14V, IOUT=0.5A)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOUT=5mA~0.5A
7.68
8
8.32
V
Output Voltage
VOUT
VIN=10.5~23V, IOUT=5mA~0.5A
7.6
8.4
V
IOUT=5mA~0.5A
80
mV
Load Regulation
ΔV
OUT
IOUT=5mA~200mA
40
mV
VIN =10.5~25V
80
mV
Line Regulation
ΔV
OUT
VIN =10.5~23V, IOUT=0.5A
80
mV
Quiescent Current
IQ
IOUT=0.5A
8
mA
VIN =10.5~23V
1
mA
Quiescent Current Change
ΔI
Q
IOUT=5mA~0.5A
0.5
mA
Output Noise Voltage
eN
10Hz≦f≦100kHz
58
uV
Temperature coefficient of VOUT
ΔV
OUT/ΔTIOUT=5mA
-0.9
mV/
°C
Ripple Rejection
RR
VIN =11.5~21.5V, f=120Hz
56
72
dB
Peak Output Current
IPEAK
1.2
A
Short-Circuit Current
ISC
VIN=35V
250
mA
Dropout Voltage
VD
2
V
For 78T09 (VIN=15V, IOUT=0.5A)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOUT=5mA~0.5A
8.64
9
9.36
V
Output Voltage
VOUT
VIN =11.5~24V,IOUT=5mA~0.5A
8.55
9.45
V
IOUT=5mA~0.5A
90
mV
Load Regulation
ΔV
OUT
IOUT=5mA~200mA
45
mV
VIN =11.5~25V
90
mV
Line Regulation
ΔV
OUT
VIN =11.5~24V, IOUT=0.5A
90
mV
Quiescent Current
IQ
IOUT=0.5A
8
mA
VIN=11.5~24V
1
mA
Quiescent Current Change
ΔI
Q
IOUT=5mA~0.5A
0.5
mA
Output Noise Voltage
eN
10Hz≦f≦100kHz
58
uV
Temperature coefficient of VOUT
ΔV
OUT/ΔTIOUT=5mA
-1.1
mV/
°C
Ripple Rejection
RR
VIN=12.5~22.5V,f=120Hz
56
72
dB
Peak Output Current
IPEAK
1.2
A
Short-Circuit Current
ISC
VIN=35V
250
mA
Dropout Voltage
VD
2
V
For 78T12 (VIN=19V, IOUT=0.5A)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOUT=5mA~0.5A
11.52
12
12.48
V
Output Voltage
VOUT
VIN =14.5~27V,IOUT=5mA~0.5A
11.4
12.6
V
IOUT=5mA~0.5A
120
mV
Load Regulation
ΔV
OUT
IOUT=5mA~200mA
60
mV
VIN=14.5~30V
120
mV
Line Regulation
ΔV
OUT
VIN=14.6~27V, IOUT=0.5A
120
mV
Quiescent Current
IQ
IOUT=0.5A
8
mA
VIN =14.5~30V
1
mA
Quiescent Current Change
ΔI
Q
IOUT=5mA~0.5A
0.5
mA
Output Noise Voltage
eN
10Hz≦f≦100kHz
75
uV
Temperature coefficient of VOUT
ΔV
OUT/ΔTIOUT=5mA
-1.5
mV/
°C
Ripple Rejection
RR
VIN =15~25V, f=120Hz
55
72
dB
Peak Output Current
IPEAK
1.2
A
Short-Circuit Current
ISC
VIN=35V
250
mA
Dropout Voltage
VD
2
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com