Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3308-P08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 3308-P08-R
Description  DUAL HIGH CURRENT OPERATIONAL AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3308-P08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  3308-P08-R Datasheet HTML 1Page - Unisonic Technologies 3308-P08-R Datasheet HTML 2Page - Unisonic Technologies 3308-P08-R Datasheet HTML 3Page - Unisonic Technologies 3308-P08-R Datasheet HTML 4Page - Unisonic Technologies 3308-P08-R Datasheet HTML 5Page - Unisonic Technologies 3308-P08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3308
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R105-012,F
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V+
15V /
±7.5V
V
Differential Input Voltage
VI(DIFF)
15
V
Input Voltage
VIN
-0.3 ~ +15
V
Power Dissipation
PD
300
mW
Junction Temperature
TJ
+125
°C
Operating Temperature
TOPR
-20~+85
°C
Storage Temperature
TSTG
-40~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25°C, V+=5V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Input Offset Voltage
VI(OFF)
RS=0Ω
2
5
mV
Input Offset Current
II(OFF)
5
100
nA
Input Bias Current
II(BIAS)
100
500
nA
Large Signal Voltage Gain
GV
RL=2KΩ
88
100
dB
Input Common Voltage Range
VI(COM)
V
+-2
V
Maximum Output Voltage Swing 1
VOM1
RL≥2kΩ
3.5
V
Maximum Output Voltage Swing 2
VOM2
IO=70mA
3.2
V
Common Mode Rejection Ratio
CMR
80
90
dB
Supply Voltage Rejection Ratio
SVR
80
90
dB
Operating Current
ICC
RL= ∞
3
4
5
mA
Slew Rate
SR
1.0
V/μs
Unity Gain Bandwidth
GB
1.3
MHz
Operating Voltage Range
V
+
15
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com