Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3308-P08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 3308-P08-R
Description  DUAL HIGH CURRENT OPERATIONAL AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3308-P08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  3308-P08-R Datasheet HTML 1Page - Unisonic Technologies 3308-P08-R Datasheet HTML 2Page - Unisonic Technologies 3308-P08-R Datasheet HTML 3Page - Unisonic Technologies 3308-P08-R Datasheet HTML 4Page - Unisonic Technologies 3308-P08-R Datasheet HTML 5Page - Unisonic Technologies 3308-P08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
3308
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R105-012,F
DUAL HIGH CURRENT
OPERATIONAL AMPLIFIER
DESCRIPTION
The UTC 3308 integrated circuit is a high gain, high output
current, high output voltage swing dual operational amplifier
capable of driving 150mA, specially for CD ROM, DVD devices.
FEATURES
*Single Supply
*Operating Voltage
(+3V~+15V) (
±1.5V~±7.5V)
*High Output Current
(150mA)
*High Frequency Noise Rejection
*Internal Enhanced Frequency Compensation
ORDERING INFORMATION
Ordering Number
Normal
Lead Free Plating
Halogen Free
Package
Packing
3308-D08-T
3308L-D08-T
3308G-D08-T
DIP-8
Tube
3308-P08-R
3308L-P08-R
3308G-P08-R
TSSOP-8
Tape Reel
3308-S08-R
3308L-S08-R
3308G-S08-R
SOP-8
Tape Reel


Similar Part No. - 3308-P08-R

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3308-1350 KR-3308-1350 Datasheet
81Kb / 3P
KR Electronics part number 3308-1350 is a 1350 MHz lowpass filter module Other cutoff frequencies are available
3308-1950 KR-3308-1950 Datasheet
80Kb / 3P
KR Electronics part number 3308-1950 is a 1950 MHz lowpass filter module
More results

Similar Description - 3308-P08-R

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM4556A NJRC-NJM4556A Datasheet
239Kb / 5P
DUAL HIGH CURRENT OPERATIONAL AMPLIFIER
logo
ON Semiconductor
MC33076 ONSEMI-MC33076 Datasheet
213Kb / 12P
DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
1996 REV 0
logo
Burr-Brown (TI)
OPA2544 BURR-BROWN-OPA2544 Datasheet
101Kb / 8P
High-Voltage, High-Current DUAL OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL3414A TI-TL3414A Datasheet
103Kb / 6P
DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK182 MSK-MSK182 Datasheet
480Kb / 8P
DUAL HIGH VOLTAGE/ HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL3414A TI-TL3414A_06 Datasheet
208Kb / 9P
DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
logo
Agamem Microelectronic ...
AA4556 AGAMEM-AA4556 Datasheet
99Kb / 4P
DUAL HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL3414A TI-TL3414A_07 Datasheet
420Kb / 12P
DUAL HIGH-OUTPUT-CURRENT OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
3308 UTC-3308_15 Datasheet
253Kb / 6P
DUAL HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2544 TI1-OPA2544 Datasheet
115Kb / 10P
High-Voltage, High-Current DUAL OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com