Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1186 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # L1186
Description  600mA CMOS LDO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L1186 Datasheet(HTML) 2 Page - Unisonic Technologies

  L1186 Datasheet HTML 1Page - Unisonic Technologies L1186 Datasheet HTML 2Page - Unisonic Technologies L1186 Datasheet HTML 3Page - Unisonic Technologies L1186 Datasheet HTML 4Page - Unisonic Technologies L1186 Datasheet HTML 5Page - Unisonic Technologies L1186 Datasheet HTML 6Page - Unisonic Technologies L1186 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
L1186
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R502-319.E
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
SOT-25
321
5
4
Voltage Code
L: Lead Free
G: Halogen Free
LSXX□
SOP-8
15 :1.5V
28 :2.8V
AD:ADJ
PIN CONFIGURATION
3
2
1
4
5
EN
GND
VIN
VOUT
BYP/ADJ
VOUT
ADJ
GND
8
7
6
5
1
2
3
4
EN
VIN
GND
GND
GND
SOT-25
SOP-8(A)
SOP-8(B)
PIN DESCRIPTION
PIN NO
SOT-25
SOP-8(A)
SOP-8(B)
PIN NAME
DESCRIPTION
1
1
8
VIN
Input for voltage input.
2
2,3,6,7
3
GND
Ground.
3
4
5
EN
Enable pin.
4
5
2
BYP/ADJ
Noise Reduction Bypass Capacitor/ Adjusted Voltage
5
8
1
VOUT
Output voltage pin
4,6,7
NC
No connection



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com