Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1186 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # L1186
Description  600mA CMOS LDO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L1186 Datasheet(HTML) 1 Page - Unisonic Technologies

  L1186 Datasheet HTML 1Page - Unisonic Technologies L1186 Datasheet HTML 2Page - Unisonic Technologies L1186 Datasheet HTML 3Page - Unisonic Technologies L1186 Datasheet HTML 4Page - Unisonic Technologies L1186 Datasheet HTML 5Page - Unisonic Technologies L1186 Datasheet HTML 6Page - Unisonic Technologies L1186 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
L1186
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-319.E
600mA CMOS LDO
DESCRIPTION
The UTC L1186 is a COMS positive linear regulator. One of its
features is the very low quiescent current typical as low as 30μA and
its dropout voltage is extremely low with 600mA output current.
The internal circuit includes thermal shutdown and current
fold-back to prevent device failure when the circuit is operated in the
bad conditions.
In application, the UTC L1186 needs a low noise, regulated
supply. For stable operation, the output capacitance value should be
2.2μF or more.
The UTC L1186 is an ideal for battery applications, such as
instrumentations, portable electronics, wireless devices, cordless
phones, PC peripherals, and battery powered widgets.
FEATURES
* Accurate to Within 1.5%
* Quiescent Current: 30μA
* Internal Over-Temperature Shutdown
* With Current Limiting
* Internal Short Circuit Current Fold-Back
* With Noise Reduction Bypass Capacitor
* Has Power-Saving Shutdown Mode
* Very Low Temperature Coefficient
SOT-25
1
3
5
2
4
SOP-8
1
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
L1186L-xx-AF5-R
L1186G-xx-AF5-R
SOT-25
Tape Reel
L1186L-xx-S08-A-R
L1186G-xx-S08-A-R
SOP-8
Tape Reel
L1186L-xx-S08-B-R
L1186G-xx-S08-B-R
SOP-8
Tape Reel
Note: xx: Output Voltage, refer to Marking Information.


Similar Part No. - L1186

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L1186 UTC-L1186 Datasheet
166Kb / 7P
600mA CMOS LDO
L1186 UTC-L1186 Datasheet
197Kb / 7P
600mA CMOS LDO
L1186 UTC-L1186 Datasheet
241Kb / 7P
600mA CMOS LDO
L1186 UTC-L1186 Datasheet
239Kb / 7P
600mA CMOS LDO
L1186G-XX-AF5-R UTC-L1186G-XX-AF5-R Datasheet
197Kb / 7P
600mA CMOS LDO
More results

Similar Description - L1186

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8806 AME-AME8806 Datasheet
89Kb / 12P
600mA CMOS LDO
AME8805 AME-AME8805 Datasheet
180Kb / 12P
600mA CMOS LDO
AME8861 AME-AME8861 Datasheet
148Kb / 9P
600mA CMOS LDO
logo
Asahi Kasei Microsystem...
AME8863 AKM-AME8863 Datasheet
108Kb / 12P
600mA CMOS LDO
logo
List of Unclassifed Man...
CM2862 ETC1-CM2862 Datasheet
190Kb / 9P
600mA CMOS LDO
logo
Analog Microelectronics
AME8806 AME-AME8806_06 Datasheet
245Kb / 18P
600mA CMOS LDO
AME8841 AME-AME8841_06 Datasheet
155Kb / 14P
600mA CMOS LDO
AME8805 AME-AME8805_12 Datasheet
188Kb / 17P
600mA CMOS LDO
AME8841 AME-AME8841_08 Datasheet
201Kb / 14P
600mA CMOS LDO
logo
Unisonic Technologies
L1186 UTC-L1186_15 Datasheet
239Kb / 7P
600mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com