Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2575 Datasheet(PDF) 15 Page - Semtech Corporation

Part # LM2575
Description  1A & 3A Miniconverter Switching Regulators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LM2575 Datasheet(HTML) 15 Page - Semtech Corporation

Back Button LM2575 Datasheet HTML 11Page - Semtech Corporation LM2575 Datasheet HTML 12Page - Semtech Corporation LM2575 Datasheet HTML 13Page - Semtech Corporation LM2575 Datasheet HTML 14Page - Semtech Corporation LM2575 Datasheet HTML 15Page - Semtech Corporation LM2575 Datasheet HTML 16Page - Semtech Corporation LM2575 Datasheet HTML 17Page - Semtech Corporation LM2575 Datasheet HTML 18Page - Semtech Corporation LM2575 Datasheet HTML 19Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
15
ã 2001 Semtech Corp.
www.semtech.com
LM2575 & LM2576
POWER MANAGEMENT
5
7
5
2
M
L6
7
5
2
M
L
C
N
I
F
µ
7
4F
µ
0
0
1
1
D
A
3A
7
1
L
H
µ
0
0
1H
µ
8
6
C
T
U
O
F
µ
0
0
7
,
2F
µ
0
0
8
,
6
I
T
U
O
A
m
0
5
2A
m
0
0
5
5
7
5
2
M
L6
7
5
2
M
L
C
N
I
F
µ
7
4F
µ
0
0
1
1
D
A
3A
7
1
L
H
µ
0
0
1H
µ
8
6
C
T
U
O
F
µ
0
7
4F
µ
0
0
7
,
2
I
T
U
O
A
m
0
0
1A
m
0
5
7
Inverting buck/boost operation is a different topology of
operation than buck. This difference reduces the output
current capability of the device, in that the inductor must
supply all of the load current during the time the power
switch is off. Maximum output current is approximately:
)
2576
LM
(
V
V
1
2
5
.
3
I
IN
O
OUT

+
≈
)
2575
LM
(
V
V
1
2
3
.
1
I
IN
O
OUT

+
≈
Component stress requirements are very similar to the
buck with a few exceptions:
(1) catch diode breakdown V
BR must be greater than
V
IN + |VOUT|
(2) input capacitor is larger due to the increased peak
current during switch turn on. Power dissipation is
approximately:
IN
O
IN
SAT
IN
O
O
IN
O
O
D
V
V
V
02
.
0
V
V
V
1
I
V
V
V
P
+
+
+
≈
Please contact factory for additional assistance when
using the buck/boost topology.
Applications Information - Inverting Buck/Boost



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com