Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2575 Datasheet(PDF) 2 Page - Semtech Corporation

Part # LM2575
Description  1A & 3A Miniconverter Switching Regulators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LM2575 Datasheet(HTML) 2 Page - Semtech Corporation

  LM2575 Datasheet HTML 1Page - Semtech Corporation LM2575 Datasheet HTML 2Page - Semtech Corporation LM2575 Datasheet HTML 3Page - Semtech Corporation LM2575 Datasheet HTML 4Page - Semtech Corporation LM2575 Datasheet HTML 5Page - Semtech Corporation LM2575 Datasheet HTML 6Page - Semtech Corporation LM2575 Datasheet HTML 7Page - Semtech Corporation LM2575 Datasheet HTML 8Page - Semtech Corporation LM2575 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
ã 2001 Semtech Corp.
www.semtech.com
LM2575 & LM2576
POWER MANAGEMENT
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sm
u
m
i
x
a
Ms
ti
n
U
e
g
a
tl
o
V
t
u
p
n
IV
N
I
5
4V
e
g
a
tl
o
V
t
u
p
n
I
n
i
P
ff
O
/
n
OV
F
F
O
/
N
O
3
.
0
-
£ V
F
F
O
/
N
O
£ V
N
I
V
)
e
t
a
t
S
y
d
a
e
t
S
(
n
o
m
m
o
C
o
t
e
g
a
tl
o
V
t
u
p
t
u
O
1
-V
n
o
it
a
p
i
s
s
i
D
r
e
w
o
PP
D
d
e
ti
m
i
L
y
ll
a
n
r
e
t
n
IW
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
0
2
2
-
O
T
3
6
2
-
O
T
q
A
J
5
5
0
6
W
/
C
°
e
s
a
C
o
t
n
o
it
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
0
2
2
-
O
T
3
6
2
-
O
T
q
C
J
0
.
2
0
.
2
W
/
C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
g
n
it
a
r
e
p
OT
J
5
2
1
+
o
t
0
4
-C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
6
-C
°
.
c
e
S
0
1
)
g
n
ir
e
d
l
o
S
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
LT
D
A
E
L
0
0
3C
°
)l
e
d
o
M
y
d
o
B
n
a
m
u
H
(
g
n
it
a
R
D
S
EV
D
S
E
2V
k
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
it
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Ms
ti
n
U
e
g
a
tl
o
V
t
u
p
t
u
OV
O
I
O
A
5
.
0
=3
2
.
30
3
.
37
3
.
3V
3
.
3
-
6
7
5
2
M
LV
o
t
V
8
N
I
d
e
t
a
R0
2
.
30
4
.
3
4
1
.
37
4
.
3
e
g
a
tl
o
V
t
u
p
t
u
OV
O
I
O
A
5
.
0
=0
9
.
40
0
.
50
1
.
5V
5
-
6
7
5
2
M
LV
o
t
V
8
N
I
d
e
t
a
R5
8
.
45
1
.
5
5
7
.
45
2
.
5
e
g
a
tl
o
V
t
u
p
t
u
OV
O
I
O
A
5
.
0
=6
7
.
1
10
0
.
2
14
2
.
2
1V
2
1
-
6
7
5
2
M
LV
o
t
V
5
1
N
I
d
e
t
a
R2
5
.
1
18
4
.
2
1
0
4
.
1
10
6
.
2
1
e
g
a
tl
o
V
k
c
a
b
d
e
e
FV
B
F
I
O
A
5
.
0
=7
1
2
.
10
3
2
.
13
4
2
.
1V
V
,
J
D
A
-
6
7
5
2
M
L
O
V
5
=V
o
t
V
8
N
I
d
e
t
a
R3
9
1
.
17
6
2
.
1
0
8
1
.
10
8
2
.
1
t
n
e
rr
u
C
s
a
i
B
k
c
a
b
d
e
e
FI
B
V
N
I
I
,
V
2
1
=
O
A
5
.
0
=0
50
0
1A
n
J
D
A
-
6
7
5
2
M
L
0
0
5
Unless otherwise specified: V
IN = 12V for 3.3V, 5V and ADJ options and 25V for 12V option; VOUT = 5V for ADJ option; TA = 25ºC; VIN rated = 40V;
I
O = 0.5 to 3A (LM2576), 0.2 to 1A (LM2575). Values in bold apply over full operating temperature range.
Absolute Maximum Ratings
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com