Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2951 Datasheet(PDF) 1 Page - Semtech Corporation

Part # LP2951
Description  150mA ADJUSTABLE VOLTAGE REGULATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LP2951 Datasheet(HTML) 1 Page - Semtech Corporation

  LP2951 Datasheet HTML 1Page - Semtech Corporation LP2951 Datasheet HTML 2Page - Semtech Corporation LP2951 Datasheet HTML 3Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LP2951
© 1998 SEMTECH CORP.
150mA ADJUSTABLE
VOLTAGE REGULATOR
March 17, 1998
652 MITCHELL ROAD NEWBURY PARK CA 91320
1
DESCRIPTION
The LP2951 series of low power voltage regulators
have low quiescent current and low dropout voltage.
The quiescent current increases minimally during
dropout conditions thereby extending battery life.
Available in the 8 lead SOIC package, the LP2951 se-
ries includes features such as shutdown and low out-
put voltage detect (typically due to low battery condi-
tions). This function may also be used as a power on
reset function when triggered by CMOS or TTL inputs.
The circuit can be used as a fixed voltage 5 volt (3.3
volt for LP2951CM-3.3) regulator or adjusted between
1.24 volts and 29 volts using external resistor pairs.
FEATURES
•= Guaranteed 150mA current
•= Adjustable output voltage - 1.24V to 29V
•= Accurate 5V or 3.3V output @ 100mA
•= Low dropout voltage - 350-400mV @ 100mA
•= Regulator or reference functions
•= Direct replacement for LP2951C, MIC2951-03,
AS2951C
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
PIN CONFIGURATION
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Maximum
Units
Supply Voltage
V
IN
-0.3 to 30
V
Shutdown Input
Voltage
-0.3 to 30
V
Error Comp. Output
Voltage
-0.3 to 30
V
Power Dissipation
P
D
Internally
Limited
W
Thermal Resistance
Junction to Ambient
θ
JA
175
°C/W
Operating Junction
Temperature Range
T
J
-40 to 125
°C
Storage
Temperature Range
T
STG
-65 to 150
°C
Lead Temperature
(Soldering) 5 Sec
T
LEAD
260
°C
APPLICATIONS
•= Microcontroller supplies
•= Linear regulators
•= Adjustable Supplies
•= Switching power supplies - post-regulation
•= Portable modems
•= Battery powered systems
•= Cellular telephones
•= Voltage references
Notes:
(1) Where -X.X denotes voltage options. Available
voltages are: 3.3V (-3.3) and 5V (leave blank).
(2) Add suffix ‘TR’ for tape and reel.
ORDERING INFORMATION
DEVICE
(1)(2)
OUTPUT
PACKAGE
LP2951CM-X.X
ADJ
SO-8


Similar Part No. - LP2951

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2951 NSC-LP2951 Datasheet
1Mb / 26P
Series of Adjustable Micropower Voltage Regulators
logo
Advanced Monolithic Sys...
LP2951 ADMOS-LP2951 Datasheet
142Kb / 14P
100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
LP2951 FAIRCHILD-LP2951 Datasheet
46Kb / 10P
Adjustable Micro Power Voltage Regulator
logo
Calogic, LLC
LP2951 CALOGIC-LP2951 Datasheet
140Kb / 10P
100mA Low Dropout Voltage Regulators
logo
Micrel Semiconductor
LP2951 MICREL-LP2951 Datasheet
135Kb / 14P
100mA Low-Dropout Voltage Regulator
More results

Similar Description - LP2951

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
LP2951A SEMTECH-LP2951A Datasheet
112Kb / 5P
150mA ADJUSTABLE VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2969 SIPEX-SPX2969 Datasheet
87Kb / 9P
150mA Low Dropout Voltage Regulator
logo
Semtech Corporation
SC553 SEMTECH-SC553 Datasheet
168Kb / 7P
150mA Ultra Low Dropout Regulator with Adjustable Output
logo
SeCoS Halbleitertechnol...
SULM317 SECOS-SULM317 Datasheet
298Kb / 4P
Adjustable Voltage Regulator
logo
Micrel Semiconductor
MIC2950 MICREL-MIC2950_10 Datasheet
1Mb / 20P
150mA Low-Dropout Voltage Regulator
logo
Inchange Semiconductor ...
LM317K ISC-LM317K Datasheet
124Kb / 1P
Adjustable Voltage Regulator
logo
E-Tech Electronics LTD
UC723 ETL-UC723 Datasheet
154Kb / 4P
ADJUSTABLE VOLTAGE REGULATOR
logo
Unisonic Technologies
LM317 UTC-LM317_15 Datasheet
284Kb / 5P
ADJUSTABLE VOLTAGE REGULATOR
LM317L UTC-LM317L_15 Datasheet
215Kb / 5P
ADJUSTABLE VOLTAGE REGULATOR
UTCUC723 UTC-UTCUC723_V01 Datasheet
264Kb / 4P
ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com