Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2951 Datasheet(PDF) 2 Page - Semtech Corporation

Part # LP2951
Description  150mA ADJUSTABLE VOLTAGE REGULATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LP2951 Datasheet(HTML) 2 Page - Semtech Corporation

  LP2951 Datasheet HTML 1Page - Semtech Corporation LP2951 Datasheet HTML 2Page - Semtech Corporation LP2951 Datasheet HTML 3Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LP2951
© 1998 SEMTECH CORP.
150mA ADJUSTABLE
VOLTAGE REGULATOR
March 17, 1998
652 MITCHELL ROAD NEWBURY PARK CA 91320
2
NOTE:
(1) Temperature coefficient is defined as the worst case voltage change divided by total temperature range.
ELECTRICAL CHARACTERISTICS
Unless specified, limits are over operating temperature range (T
J = TA), VIN = VOUT(NOM) + 1V, IL=100µA, CL=1µF
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Output Voltage
LP2951CM
V
OUT
T
J = 25°C, IL = 100µA
4.950
5.000
5.050
V
LP2951CM-3.3
3.267
3.300
3.333
Temp Coefficient
(1)
T
C
0°C
≤ T
J ≤
=70°C
20
120
ppm/°C
Line Regulation
REG
(LINE)
(V
O(NOM) + 1V) ≤ VIN
=≤=30V
0.1
0.5
%
Load Regulation
REG
(LOAD)
100µA
≤ I
L
=≤=100mA
0.1
0.4
%
Dropout Voltage
V
D
I
L
===100µA
80
150
mV
I
L
===100mA
380
600
Ground Current
I
GND
I
L
===100µA
120
160
µA
I
L
===100mA
814
mA
Dropout Ground Current
I
GND(D)
V
IN = (VO(NOM) - 0.5V), IL
===100µA
110
250
µA
Current Limit
I
CL
V
OUT = 0
200
250
mA
Reference Voltage
V
REF
V
REF ≤ VOUT ≤ (VIN - 1V), TJ =
=25°C,
100µA
≤ I
L
=≤=100mA
1.210
1.235
1.260
V
Feedback Bias Current
I
FB
20
60
nA
Error Comparator
Output High Leakage
Current
V
OH = 30V
2
µA
Output Low Voltage
V
IN = (VO(NOM) - 0.5V), IOL = 400µA
150
400
mV
Threshold Voltage
Upper
25
60
mV
Lower
75
140
Hysteresis
15
mV
Shutdown Input
Input Logic Voltage
V
SD
Low
0.6
V
High
2.0
V
Input Current
I
SD
V
SHUTDOWN = 2.4V
100
µA
V
SHUTDOWN = 30V
750
Regulator Shutdown
Output Current
I
O(SD)
V
SHUTDOWN ≥ 2V, VIN ≤ 30V,
V
OUT = 0, Feedback pin to Tap
20
µA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com