Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6227Q Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6227Q
Description  DMOS dual full bridge driver with PWM current controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6227Q Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6227Q Datasheet HTML 9Page - STMicroelectronics L6227Q Datasheet HTML 10Page - STMicroelectronics L6227Q Datasheet HTML 11Page - STMicroelectronics L6227Q Datasheet HTML 12Page - STMicroelectronics L6227Q Datasheet HTML 13Page - STMicroelectronics L6227Q Datasheet HTML 14Page - STMicroelectronics L6227Q Datasheet HTML 15Page - STMicroelectronics L6227Q Datasheet HTML 16Page - STMicroelectronics L6227Q Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
L6227Q
Circuit description
13/27
Figure 10 shows the typical operating waveforms of the output current, the voltage drop
across the sensing resistor, the RC pin voltage and the status of the bridge. Immediately
after the low-side power MOS turns on, a high peak current flows through the sensing
resistor due to the reverse recovery of the freewheeling diodes. The L6227Q provides a 1
µs
blanking time t
BLANK that inhibits the comparator output so that this current spike cannot
prematurely re-trigger the monostable.
Figure 10.
Output current regulation waveforms
Figure 11 shows the magnitude of the off time t
OFF versus COFF and ROFF values. It can be
approximately calculated from the equations:
tRCFALL = 0.6 · ROFF · COFF
tOFF = tRCFALL + tDT = 0.6 · ROFF · COFF + tDT
where ROFF and COFF are the external component values and tDT is the internally generated
Dead Time with:
20 k
Ω ≤ROFF ≤100 kΩ
0.47 nF
≤COFF ≤100 nF
tDT = 1 µs (typical value)
Therefore:
tOFF(MIN) = 6.6 µs
tOFF(MAX) = 6 ms
OFF
BC
DD
A
tON
tOFF
tOFF
BC
ON
2.5V
0
Fast Deca
y
Fast Deca
y
Slow Decay
Slow Decay
1
µs tBLANK
tRCRISE
1
µs tDT
1
µs tDT
tRCRISE
tRCFALL
tRCFALL
SYNCHRONOUS OR QUASI
SYNCHRONOUS RECTIFICATION
1
µs tBLANK
5V
VRC
VSENSE
VREF
IOUT
VREF
RSENSE
D01IN1334



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com