Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6227Q Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6227Q
Description  DMOS dual full bridge driver with PWM current controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6227Q Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6227Q Datasheet HTML 10Page - STMicroelectronics L6227Q Datasheet HTML 11Page - STMicroelectronics L6227Q Datasheet HTML 12Page - STMicroelectronics L6227Q Datasheet HTML 13Page - STMicroelectronics L6227Q Datasheet HTML 14Page - STMicroelectronics L6227Q Datasheet HTML 15Page - STMicroelectronics L6227Q Datasheet HTML 16Page - STMicroelectronics L6227Q Datasheet HTML 17Page - STMicroelectronics L6227Q Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
Circuit description
L6227Q
14/27
These values allow a sufficient range of tOFF to implement the drive circuit for most motors.
The capacitor value chosen for COFF also affects the rise time tRCRISE of the voltage at the
pin RCOFF. The rise time tRCRISE will only be an issue if the capacitor is not completely
charged before the next time the monostable is triggered. Therefore, the on time tON, which
depends by motors and supply parameters, has to be bigger than tRCRISE for allowing a
good current regulation by the PWM stage. Furthermore, the on time tON can not be smaller
than the minimum on time tON(MIN).
tRCRISE = 600 · COFF
Figure 12 on page 15 shows the lower limit for the on time t
ON for having a good PWM
current regulation capacity. It has to be said that t
ON is always bigger than t
ON(MIN) because
the device imposes this condition, but it can be smaller than tRCRISE - tDT. In this last case
the device continues to work but the off time tOFF is not more constant.
So, small COFF value gives more flexibility for the applications (allows smaller on time and,
therefore, higher switching frequency), but, the smaller is the value for COFF, the more
influential will be the noises on the circuit performance.
Figure 11.
tOFF versus COFF and ROFF
t
ON
t
ON MIN
()
>
2.5
µs
=
t
ON
t
TCRISE
t
DT
–
W
+
>
⎩
⎨
⎧
0.1
1
10
100
1
10
100
1.10
3
1.10
4
Coff [nF]
Roff = 100kΩ
Roff = 47kΩ
Roff = 20kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com