Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6230PD Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6230PD
Description  DMOS driver for three-phase brushless DC motor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6230PD Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6230PD Datasheet HTML 11Page - STMicroelectronics L6230PD Datasheet HTML 12Page - STMicroelectronics L6230PD Datasheet HTML 13Page - STMicroelectronics L6230PD Datasheet HTML 14Page - STMicroelectronics L6230PD Datasheet HTML 15Page - STMicroelectronics L6230PD Datasheet HTML 16Page - STMicroelectronics L6230PD Datasheet HTML 17Page - STMicroelectronics L6230PD Datasheet HTML 18Page - STMicroelectronics L6230PD Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
L6230
Application information
Doc ID 18094 Rev 2
15/24
6
Application information
Some typical applications using L6230 are shown in this paragraph. A high quality ceramic
capacitor (C2) in the range of 100 nF to 200 nF should be placed between the power pins
VSA and VSB and ground near the L6230 to improve the high frequency filtering on the
power supply and reduce high frequency transients generated by the switching. The
capacitor (CEN) connected from the DIAG-EN input to ground sets the shut down time when
an over current is detected (see overcurrent protection). The current sensing inputs
(SENSEX) should be connected to the sensing resistors RSENSE with a trace length as short
as possible in the layout. The sense resistors should be non-inductive resistors to minimize
the dI/dt transients across the resistors. To increase noise immunity, unused logic pins are
best connected to 5 V (high logic level) or GND (low logic level) (see pin description). It is
recommended to keep power ground and signal ground separated on PCB.
The examples reported describe some typical application to drive a 3-phase BLDC motor
using L6230 device.
In the first example is shown a field oriented control (FOC) system, with this method it is
possible to provide smooth and precise motor control of BLDC motors.
A six-step driving method with current control is reported in the second example, the inputs
sequence is generated by external controller and the L6230 comparator is used to obtain
the information for the peak current control.
Finally, the third example shows how to implement a sensorless motor control system, the
information on rotor position is achieved by BEMF zero-crossing detection.
6.1
Field oriented control driving method
In this configuration (see Figure 14) three sensing resistors are required, one for each
channel. The sensing signals coming from the output power stage are conditioned by
external operational amplifiers which provide the proper feedback signals to the AtoD
converter and the system controller. According to the feedback signals the six input lines are
generated by the controller.
Note that some filtering and level shifting RC networks should be added between the sense
resistor and the correspondent op-amp input.
Table 8.
Component values for typical application
Component
Value
C1
100 µF
C2
100 nF
CBOOT
220 nF
CEN
5.6 nF
CP
10 nF
D1
1N4148
D2
1N4148
REN
100 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com