Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6230PD Datasheet(PDF) 21 Page - STMicroelectronics

Part # L6230PD
Description  DMOS driver for three-phase brushless DC motor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6230PD Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L6230PD Datasheet HTML 16Page - STMicroelectronics L6230PD Datasheet HTML 17Page - STMicroelectronics L6230PD Datasheet HTML 18Page - STMicroelectronics L6230PD Datasheet HTML 19Page - STMicroelectronics L6230PD Datasheet HTML 20Page - STMicroelectronics L6230PD Datasheet HTML 21Page - STMicroelectronics L6230PD Datasheet HTML 22Page - STMicroelectronics L6230PD Datasheet HTML 23Page - STMicroelectronics L6230PD Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
L6230
Package mechanical data
Doc ID 18094 Rev 2
21/24
Table 10.
PowerSO36 mechanical data
Min.
Typ.
Max.
A
3.6
a1
0.1
0.3
a2
3.3
a3
0
0.1
b
0.22
0.38
c
0.23
0.32
D (1)
15.8
16
D1
9.4
9.8
E
13.9
14.5
e
0.65
e3
11.05
E1 (1)
10.9
11.1
E2
2.9
E3
5.8
6.2
E4
2.9
3.2
G
0
0.1
H
15.5
15.9
h
1.1
L
0.8
1.1
N
10°(max.)
S
8 °(max.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com