Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6230PDTR Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6230PDTR
Description  DMOS driver for three-phase brushless DC motor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6230PDTR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6230PDTR Datasheet HTML 12Page - STMicroelectronics L6230PDTR Datasheet HTML 13Page - STMicroelectronics L6230PDTR Datasheet HTML 14Page - STMicroelectronics L6230PDTR Datasheet HTML 15Page - STMicroelectronics L6230PDTR Datasheet HTML 16Page - STMicroelectronics L6230PDTR Datasheet HTML 17Page - STMicroelectronics L6230PDTR Datasheet HTML 18Page - STMicroelectronics L6230PDTR Datasheet HTML 19Page - STMicroelectronics L6230PDTR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Application information
L6230
16/24
Doc ID 18094 Rev 2
The uncommitted internal comparator with open-drain output is available.
Figure 14.
F.O.C. typical application
6.2
Six-step driving method with current control
In this configuration only one sense resistor are needed, the three OUT pins are connected
together to RSENSE (see Figure 15).
The non-inverting input comparator CP+ monitors the voltage drop across the external
sense resistor connected between the source of the three lower power MOS transistors and
ground.
As the current in the motor increases the voltage across the RSENSE increases
proportionally. When the voltage drop across the sense resistor becomes greater than the
reference voltage applied at inverting input CP- the comparator open-drain output is
switched on pulling down the CPOUT pin.
This signal could be managed by controller to generate the proper input sequence for six-
step driving method with current control and select what current decay method to
implement.
When the sense voltage decrease below the CP- voltage, the open-drain is switched off and
the voltage at CPOUT pin start to increase charging the capacitor C3.
The reference voltage at pin CP- will be set according to sense resistor value and the
desired regulated current (VCP- { RSENSE x ITARGET). A very simple way to obtain variable
voltage is to low-pass filter a PWM output of a controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com