Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6230PDTR Datasheet(PDF) 18 Page - STMicroelectronics

Part # L6230PDTR
Description  DMOS driver for three-phase brushless DC motor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6230PDTR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L6230PDTR Datasheet HTML 14Page - STMicroelectronics L6230PDTR Datasheet HTML 15Page - STMicroelectronics L6230PDTR Datasheet HTML 16Page - STMicroelectronics L6230PDTR Datasheet HTML 17Page - STMicroelectronics L6230PDTR Datasheet HTML 18Page - STMicroelectronics L6230PDTR Datasheet HTML 19Page - STMicroelectronics L6230PDTR Datasheet HTML 20Page - STMicroelectronics L6230PDTR Datasheet HTML 21Page - STMicroelectronics L6230PDTR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Application information
L6230
18/24
Doc ID 18094 Rev 2
Figure 16.
Six-step with zero crossing detection typical application
6.4
Thermal management
In most applications the power dissipation in the IC is the main factor that sets the maximum
current that can be delivered by the device in a safe operating condition. Therefore, it has to
be taken into account very carefully. Besides the available space on the PCB, the right
package should be chosen considering the power dissipation. Heat sinking can be achieved
using copper on the PCB with proper area and thickness.
For instance, using a VFQFPN32L 5 x 5 package the typical Rth(JA) is about 42 °C/W when
mounted on a double-layer FR4 PCB with a dissipating copper area of 0.5 cm2 on the top
side plus 6 cm2 ground layer connected through 18 via holes (9 below the IC).
Otherwise, using a PowerSO package with copper slug soldered on a 1.5 mm copper
thickness FR4 board with 6cm2 dissipating footprint (copper thickness of 35 µm), the Rth(jA)
is about 35°C/W.
Using a multi-layer board with vias to a ground plane, thermal impedance can be reduced
down to 15°C/W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com