Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6727 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6727
Description  Single phase PWM controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6727 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6727 Datasheet HTML 11Page - STMicroelectronics L6727 Datasheet HTML 12Page - STMicroelectronics L6727 Datasheet HTML 13Page - STMicroelectronics L6727 Datasheet HTML 14Page - STMicroelectronics L6727 Datasheet HTML 15Page - STMicroelectronics L6727 Datasheet HTML 16Page - STMicroelectronics L6727 Datasheet HTML 17Page - STMicroelectronics L6727 Datasheet HTML 18Page - STMicroelectronics L6727 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
L6727
Application details
Doc ID 12933 Rev 4
15/34
9
Application details
9.1
Output voltage selection
L6727 is capable to precisely regulate an output voltage as low as 0.8 V. In fact, the device
comes with a fixed 0.8 V internal reference that guarantees the output regulated voltage to
be within ±1 % tolerance over line and temperature variations between 0 °C and +70 °C
(excluding output resistor divider tolerance, when present).
Output voltage higher than 0.8 V can be easily achieved by adding a resistor ROS between
FB pin and ground. Referring to Figure 1, the steady state DC output voltage will be:
where VREF is 0.8V.
9.2
Compensation network
The control loop showed in Figure 6 is a voltage mode control loop. The error amplifier is a
voltage mode type. The output voltage is regulated to the internal reference (when present,
offset resistor between FB node and GND can be neglected in control loop calculation).
Error Amplifier output is compared to oscillator saw-tooth waveform to provide PWM signal
to the driver section. PWM signal is then transferred to the switching node with VIN
amplitude. This waveform is filtered by the output filter.
The converter transfer function is the small signal transfer function between the output of the
EA and VOUT. This function has a double pole at frequency FLC depending on the L-COUT
resonance and a zero at FESR depending on the output capacitor ESR. The DC Gain of the
modulator is simply the input voltage VIN divided by the peak-to-peak oscillator voltage
ΔV
OSC.
The compensation network closes the loop joining VOUT and EA output with transfer
function ideally equal to -Z
F/ZFB.
Figure 6.
PWM control loop
V
OUT
V
REF
1
R
FB
R
OS
-----------
+
⎝⎠
⎛⎞
⋅
=
L
R
C
OUT
ESR
R
F
C
F
C
P
R
FB
C
S
OSC
V
IN
ΔV
OSC
+
+
_
_
V
OUT
V
REF
ZF
Z
FB
PWM
COMPARATOR
ERROR
AMPLIFIER
R
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com