Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6727 Datasheet(PDF) 22 Page - STMicroelectronics

Part # L6727
Description  Single phase PWM controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6727 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L6727 Datasheet HTML 18Page - STMicroelectronics L6727 Datasheet HTML 19Page - STMicroelectronics L6727 Datasheet HTML 20Page - STMicroelectronics L6727 Datasheet HTML 21Page - STMicroelectronics L6727 Datasheet HTML 22Page - STMicroelectronics L6727 Datasheet HTML 23Page - STMicroelectronics L6727 Datasheet HTML 24Page - STMicroelectronics L6727 Datasheet HTML 25Page - STMicroelectronics L6727 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
20 A demonstration board
L6727
22/34
Doc ID 12933 Rev 4
11
20 A demonstration board
L6727 demonstration board realizes on a four-layer PCB a step-down DC/DC converter and
shows the operation of the device in a general purpose application. Input voltage can range
from 5 V to 12 V bus (when VCC > 5 V, R6 need to be removed). Output voltage is
programmed to 1.25 V. The voltage regulator can deliver up to 20 A output current. The
switching frequency is 300 kHz.
Figure 11.
20 A demonstration board (left) and components placement (right)
Figure 12.
20 A demonstration board top (left) and bottom (right) layers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com