Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6727TR Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6727TR
Description  Single phase PWM controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6727TR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6727TR Datasheet HTML 9Page - STMicroelectronics L6727TR Datasheet HTML 10Page - STMicroelectronics L6727TR Datasheet HTML 11Page - STMicroelectronics L6727TR Datasheet HTML 12Page - STMicroelectronics L6727TR Datasheet HTML 13Page - STMicroelectronics L6727TR Datasheet HTML 14Page - STMicroelectronics L6727TR Datasheet HTML 15Page - STMicroelectronics L6727TR Datasheet HTML 16Page - STMicroelectronics L6727TR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
L6727
Overcurrent protection
Doc ID 12933 Rev 4
13/34
7
Overcurrent protection
The overcurrent feature protects the converter from a shorted output or overload, by sensing
the output current information across the low side MOSFET drain-source on-resistance,
RdsON. This method reduces cost and enhances converter efficiency by avoiding the use of
expensive and space-consuming sense resistors.
The low side RdsON current sense is implemented by comparing the voltage at the PHASE
node when LS MOSFET is turned on with the programmed OCP threshold voltage,
internally held. If the monitored voltage drop (GND to PHASE) exceeds this threshold, an
overcurrent event is detected. If two overcurrent events are detected in two consecutive
switching cycles, the protection will be triggered and the device will turn off both LS and HS
MOSFETs for 2048 clock cycles (plus internal SS remaining time, if triggered during a SS
phase); then it will begin a new soft-start.
If the overcurrent condition is not removed, the continuous fault will cause L6727 to go into a
hiccup mode with a typical period of 13.6 ms (Figure 5), guaranteeing safe load protection
and very low power dissipation.
7.1
Overcurrent threshold setting
When supplied with VCC = 5 V, L6727 allows to easily program an overcurrent threshold
ranging from 50 mV to 500 mV, simply by adding a resistor (ROCSET) between COMP and
VCC.
During a short period of time (5.5 ms - 6.5 ms) following the first enable (given VCC over
UVLO threshold), an internal 60µA current (IOCSET) is sunk from COMP pin, determining a
voltage drop across ROCSET. This voltage drop, differentially sensed between VCC and
COMP, divided by a factor 3, will be sampled and internally held by the device as Over
Current Threshold until next VCC cycling. Differential sensing versus VCC allows OCSET
procedure to be fully independent from VIN rail. The OC setting procedure overall time
length ranges from 5.5 ms to 6.5 ms, proportionally to the threshold being set.
Connecting an ROCSET resistor between COMP and VCC, the programmed threshold will
be:
ROCSET values range from 2.5 kΩ to 25 kΩ.
If the voltage drop across ROCSET is too low, the system will be very sensitive to start-up
inrush current and noise. This can result in a continuous OCP triggering and hiccup mode.
In this case, consider to increase ROCSET value.
In case ROCSET is not connected (and VCC = 5 V), the device will set the maximum
threshold.
If the device is supplied with a VCC higher than 7 V, ROCSET must be not connected. In this
case, as soon as VCC rises over VCC_OC (8 V typ.), L6727 switches OC threshold to 400mV
(internally fixed value).
See Figure 5 for OC threshold setting and soft start oscilloscope sample waveforms.
I
OCth
1
3
---
I
OCSET
R
OCSET
⋅
R
dsON
--------------------------------------------
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com