Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6727TR Datasheet(PDF) 25 Page - STMicroelectronics

Part # L6727TR
Description  Single phase PWM controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6727TR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L6727TR Datasheet HTML 21Page - STMicroelectronics L6727TR Datasheet HTML 22Page - STMicroelectronics L6727TR Datasheet HTML 23Page - STMicroelectronics L6727TR Datasheet HTML 24Page - STMicroelectronics L6727TR Datasheet HTML 25Page - STMicroelectronics L6727TR Datasheet HTML 26Page - STMicroelectronics L6727TR Datasheet HTML 27Page - STMicroelectronics L6727TR Datasheet HTML 28Page - STMicroelectronics L6727TR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
L6727
20 A demonstration board
Doc ID 12933 Rev 4
25/34
Table 6.
20 A demonstration board - bill of material
Qty
Reference
Description
Package
Capacitors
2C1, C2
Electrolytic Cap 1800
μF 16 V
Nippon chemi-con KZJ or KZG
Radial 10 x 25 mm
1
C10
MLCC, 100 nF, 25 V, X7R
SMD0603
3
C11 to C13
MLCC, 4.7
μF, 16 V, X5R
Murata GRM31CR61C475MA01
SMD1206
2
C14, C38
MLCC, 1
μF, 16 V, X7R
SMD0805
2
C18, C25
Electrolytic Cap 2200
μF 6.3 V
Nippon chemi-con KZJ or KZG
Radial 10 x 20 mm
1
C23
MLCC, 6.8 nF, X7R
SMD0603
1
C24
MLCC, 10 nF, X7R
1
C35
MLCC, 33 pF, X7R
Resistors
2
R1, R2
Resistor, 3R3, 1/16 W, 1 %
SMD0603
1
R17
Resistor, 2R2, 1/16 W, 1 %
2
R5, R16
Resistor, 0R, 1/8 W, 1 %
SMD0805
1
R3
Resistor, 2R2, 1/8 W, 1 %
1
R4
Resistor, 1R8, 1/8 W, 1 %
2
R11, R8
Resistor, 0R, 1/16 W, 1 %
SMD0603
1
R9
Resistor, 2K2, 1/16 W, 1 %
1
R13
Resistor, 3K9, 1/16 W, 1 %
1
R7
Resistor, 33K, 1/16 W, 1 %
1
R6
Resistor, 12K, 1/16 W, 1 %
Inductor
1L1
Inductor, 1.25
μH, T60-18, 6Turns
Easymagnet AP106019006P-1R1M
na
Active components
1
D1
Diode, 1N4148 or BAT54
SOT23
1
Q5
STD55NH2LL
DPACK
1
Q6
STD90NH2LL
1
U1
Controller, L6727
SO8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com