Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6738TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6738TR
Description  Single-phase PWM controller with light-load efficiency optimization
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6738TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6738TR Datasheet HTML 5Page - STMicroelectronics L6738TR Datasheet HTML 6Page - STMicroelectronics L6738TR Datasheet HTML 7Page - STMicroelectronics L6738TR Datasheet HTML 8Page - STMicroelectronics L6738TR Datasheet HTML 9Page - STMicroelectronics L6738TR Datasheet HTML 10Page - STMicroelectronics L6738TR Datasheet HTML 11Page - STMicroelectronics L6738TR Datasheet HTML 12Page - STMicroelectronics L6738TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
L6738
Pin description and connection diagrams
Doc ID 18133 Rev 1
9/32
2
Pin description and connection diagrams
2.1
Pin descriptions
Figure 4.
Pin connection (top view)
1
2
3
VSEN
FBG
VCCDR
12
6
10
11
L6738
LGATE
PHASE
CSN
7
5
16 15 14
BOOT
4
8
FB
9
13
Table 2.
Pin description
Pin#
Name
Function
1
VCCDR
Low side driver section power supply.
Operative voltage is 5 V to 12 V bus. Filter with 1
µF MLCC to GND.
2LGATE
Low-side driver output.
Connect directly to the low-side MOSFET gate. A small series resistor can be useful to
reduce dissipated power especially in high frequency applications.
3
PHASE
High-side driver return path.
Connect to the high-side MOSFET source. This pin is also monitored for the adaptive
dead-time management.
4BOOT
High-side driver supply.
This pin supplies the high-side floating driver. Connect through the CBOOT capacitor to the
PHASE pin. The pin is internally connected through a boot diode to the VCCDR pin. A
2.2Ohm series resistor is also provided. See
Section 8 f or guidance in designing the
capacitor value.
5UGATE
High-side driver output.
Connect to high-side MOSFET gate. A small series resistor may help in reducing the
PHASE pin negative spike as well as cooling the device.
6
PGOOD
Power Good.
It is an open-drain output set free after SS (with 3x clock cycle delay) as long as the out-
put voltage monitored through VSEN is within specifications. Pull-up to 3.3 V (typ) or
lower, if not used it can be left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com