Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6738TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6738TR
Description  Single-phase PWM controller with light-load efficiency optimization
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6738TR Datasheet(HTML) 1 Page - STMicroelectronics

  L6738TR Datasheet HTML 1Page - STMicroelectronics L6738TR Datasheet HTML 2Page - STMicroelectronics L6738TR Datasheet HTML 3Page - STMicroelectronics L6738TR Datasheet HTML 4Page - STMicroelectronics L6738TR Datasheet HTML 5Page - STMicroelectronics L6738TR Datasheet HTML 6Page - STMicroelectronics L6738TR Datasheet HTML 7Page - STMicroelectronics L6738TR Datasheet HTML 8Page - STMicroelectronics L6738TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
November 2010
Doc ID 18133 Rev 1
1/32
32
L6738
Single-phase PWM controller
with light-load efficiency optimization
Features
■ Flexible power supply from 5 V to 12 V bus
■ Power conversion input as low as 1.5 V
■ Light-load efficiency optimization
■ Embedded bootstrap diode
■ VIN detector
■ 0.8 V internal reference
■ 0.5 % output voltage accuracy
■ Remote GND recovery
■ High-current integrated drivers
■ Sensorless and programmable precise-OC
sense across Inductor DCR
■ OV protection
■ Programmable oscillator up to 600 kHz
■ LS-less to manage pre-bias startup
■ Adjustable output voltage
■ Disable function
■ Internal soft-start
■ VFQFPN 16 3x3 mm package
Applications
■ Memory and termination supply
■ Subsystem power supply (MCH, IOCH, PCI)
■ CPU and DSP power supply
■ Distributed power supply
■ General DC-DC converter
Description
The L6738 is a single-phase step-down controller
with integrated high-current drivers that provides
complete control logic and protection to realize a
DC-DC converter.
The device flexibility allows to manage
conversions with power input VIN as low as 1.5 V
and the device supply voltage ranging from 5 V to
12 V bus.
The L6738 features a proprietary algorithm that
allows Light-Load efficiency optimization,
boosting efficiency without compromising the
output voltage ripple.
The integrated 0.8 V reference allows generation
of output voltages with ±0.5 % accuracy over line
and temperature variations.
The oscillator is programmable up to 600 kHz.
The L6738 provides a programmable dual level
overcurrent protection and overvoltage protection.
The current information is monitored across the
inductor DCR.
The L6738 is available in a VFQFPN 16 3x3 mm
package.
Table 1.
Device summary
Order code
Package
Packing
L6738
VFQFPN16
Tube
L6738TR
VFQFPN16
Tape and reel
VFQFPN16
www.st.com


Similar Part No. - L6738TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6738A STMICROELECTRONICS-L6738A Datasheet
745Kb / 32P
Embedded bootstrap diode
23-Jan-2012
L6738ATR STMICROELECTRONICS-L6738ATR Datasheet
745Kb / 32P
Embedded bootstrap diode
23-Jan-2012
More results

Similar Description - L6738TR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6334 INTERSIL-ISL6334 Datasheet
559Kb / 30P
VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring
February 26, 2008
ISL6336B INTERSIL-ISL6336B Datasheet
1,020Kb / 31P
6-Phase PWM Controller with Light Load Efficiency Enhancement and Current Monitoring
August 31, 2010
ISL78220 INTERSIL-ISL78220 Datasheet
807Kb / 22P
6-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement
December 15, 2011
ISL78225 INTERSIL-ISL78225 Datasheet
985Kb / 21P
4-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement
December 15, 2011
logo
Texas Instruments
TPS53211 TI1-TPS53211 Datasheet
708Kb / 21P
Single-Phase PWM Controller with Light-Load Efficiency Optimization
logo
Intersil Corporation
ISL78220ANEZ INTERSIL-ISL78220ANEZ Datasheet
782Kb / 22P
6-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement
December 24, 2013
logo
Texas Instruments
TPS53211 TI-TPS53211_15 Datasheet
905Kb / 22P
Single-Phase PWM Controller with Light-Load Efficiency Optimization
logo
Renesas Technology Corp
ISL78220 RENESAS-ISL78220 Datasheet
1Mb / 22P
6-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement
ISL78225 RENESAS-ISL78225 Datasheet
1Mb / 22P
4-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement
logo
uPI Group Inc.
UP1539 UPI-UP1539 Datasheet
176Kb / 11P
Single Phase PWM Controller with Light-Load Efficiency Optimization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com