Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC3361BP-N16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MC3361BP-N16-R
Description  LOW VOLTAGE/POWER NARROW BAND FM IF
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC3361BP-N16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  MC3361BP-N16-R Datasheet HTML 1Page - Unisonic Technologies MC3361BP-N16-R Datasheet HTML 2Page - Unisonic Technologies MC3361BP-N16-R Datasheet HTML 3Page - Unisonic Technologies MC3361BP-N16-R Datasheet HTML 4Page - Unisonic Technologies MC3361BP-N16-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MC3361BP
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R108-010.D
LOW VOLTAGE/POWER
NARROW BAND FM IF
DESCRIPTION
The UTC MC3361BP is designed for use in FM dual conversion
communication.
It
contains
a
complete
narrow
band
FM
demodulation system operable to less than 2.5V supply voltage. This
low-power
narrow-band
FM
IF
system
provides
the
second
converter, second IF, demodulator. Filter Amp and squelch circuitry
for communications and scanning receivers.
FEATURES
*Low power consumption (4.0mA typ. at Vcc=4.0V)
*Excellent input sensitivity
(-3dB limiting, 2.0
μVrms typ.)
*Minimum number of external components required.
*Operating Voltage: 2.5~7.0V
APPLICATIONS
*Cordless phone (for home use)
*FM dual conversion communications equipment
ORDERING INFORMATION
Order Number
Normal
Lead Free Plating
Halogen Free
Package
Packing
MC3361BP-D16-T
MC3361BPL-D16-T
MC3361BPG-D16-T
DIP-16
Tube
MC3361BP-N16-R
MC3361BPL-N16-R
MC3361BPG-N16-R
TSSOP-16
Tape Reel
MC3361BP-N16-T
MC3361BPL-N16-T
MC3361BPG-N16-T
TSSOP-16
Tube
MC3361BP-S16-R
MC3361BPL-S16-R
MC3361BPG-S16-R
SOP-16
Tape Reel
MC3361BP-S16-T
MC3361BPL-S16-T
MC3361BPG-S16-T
SOP-16
Tube


Similar Part No. - MC3361BP-N16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MC3361BP-N16-R UTC-MC3361BP-N16-R Datasheet
186Kb / 5P
LOW VOLTAGE/POWER NARROW BAND FM IF
More results

Similar Description - MC3361BP-N16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCMC3361BP UTC-UTCMC3361BP Datasheet
30Kb / 3P
LOW VOLTAGE/POWER NARROW BAND FM IF
logo
Samsung semiconductor
S1T3361D SAMSUNG-S1T3361D Datasheet
130Kb / 6P
LOW VOLTAGE/POWER NARROW BAND FM IF
logo
Daewoo Semiconductor
DBL5019 DAEWOO-DBL5019 Datasheet
270Kb / 6P
LOW POWER NARROW BAND FM IF
logo
Hynix Semiconductor
GL3361 HYNIX-GL3361 Datasheet
41Kb / 4P
Low Power Narrow Band FM IF
logo
AUK corp
SL5018P AUK-SL5018P Datasheet
126Kb / 5P
LOW POWER NARROW BAND FM IF
SL5018 AUK-SL5018_1 Datasheet
129Kb / 5P
LOW POWER NARROW BAND FM IF
SL5019 AUK-SL5019_1 Datasheet
83Kb / 6P
LOW POWER NARROW BAND FM IF
logo
New Japan Radio
NJM3357 NJRC-NJM3357 Datasheet
138Kb / 3P
LOW POWER NARROW BAND FM IF
logo
Tiger Electronic Co.,Lt...
MC3361D TGS-MC3361D Datasheet
218Kb / 5P
LOW POWER NARROW BAND FM IF
logo
Unisonic Technologies
MC3361BP UTC-MC3361BP_15 Datasheet
186Kb / 5P
LOW VOLTAGE/POWER NARROW BAND FM IF
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com