Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL3361 Datasheet (PDF) - Hynix Semiconductor

GL3361 Datasheet PDF - Hynix Semiconductor
Part # GL3361
Download  GL3361 Download
File Size   41.74 Kbytes
Page   4 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description Low Power Narrow Band FM IF

GL3361 Datasheet (PDF)

Go To PDF Page Download Datasheet
GL3361 Datasheet PDF - Hynix Semiconductor

Part # GL3361
Download  GL3361 Click to download

File Size   41.74 Kbytes
Page   4 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description Low Power Narrow Band FM IF

GL3361 Datasheet (HTML) - Hynix Semiconductor


GL3361 Product details

Description

The GL3361 is designed for use in FM dual conversion communications equipment. This device contains an Oscillator, Mixer, Limiting Amplifier, Filter Amplifier and Squelch circuitry.



Features

• Operating Voltage : 2.0 ~ 8.0 V

• Low Power Consumption (2.6mA typical @ Vcc=4.0Vdc)

• Excellent Input Sensitivity (-3dB limiting=2.6§ Åtypical)

• Minimum Number of External Parts Required

• Full ESD Protection

• Package Type : 16 DIP/SOP



 




Similar Part No. - GL3361

ManufacturerPart #DatasheetDescription
logo
GENESYS LOGIC
GL3310 GENESYS-GL3310 Datasheet
161Kb / 5P
USB 3.0 to SATA 3Gb/s Bridge Controller Product Overview
GL3321G GENESYS-GL3321G Datasheet
144Kb / 5P
USB 3.0 to SATA 6Gb/s Bridge Controller Product Overview
logo
Hynix Semiconductor
GL339 HYNIX-GL339 Datasheet
606Kb / 12P
Low Power Low Offset Voltage Quad Comparators
GL339A HYNIX-GL339A Datasheet
606Kb / 12P
Low Power Low Offset Voltage Quad Comparators
More results


Similar Description - GL3361

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM3359 NJRC-NJM3359 Datasheet
194Kb / 5P
LOW POWER NARROW BAND FM IF?
logo
Unisonic Technologies
UTCMC3361BP UTC-UTCMC3361BP Datasheet
30Kb / 3P
LOW VOLTAGE/POWER NARROW BAND FM IF
logo
Daewoo Semiconductor
DBL5018 DAEWOO-DBL5018 Datasheet
226Kb / 5P
LOW POWER NARROW BAND FM IF
DBL5019 DAEWOO-DBL5019 Datasheet
270Kb / 6P
LOW POWER NARROW BAND FM IF
logo
AUK corp
SL5018P AUK-SL5018P Datasheet
126Kb / 5P
LOW POWER NARROW BAND FM IF
SL5018 AUK-SL5018_1 Datasheet
129Kb / 5P
LOW POWER NARROW BAND FM IF
SL5019 AUK-SL5019_1 Datasheet
83Kb / 6P
LOW POWER NARROW BAND FM IF
logo
New Japan Radio
NJM3357 NJRC-NJM3357 Datasheet
138Kb / 3P
LOW POWER NARROW BAND FM IF
NJM3359 NJRC-NJM3359_1 Datasheet
152Kb / 4P
LOW POWER NARROW BAND FM IF
logo
Tiger Electronic Co.,Lt...
MC3361D TGS-MC3361D Datasheet
218Kb / 5P
LOW POWER NARROW BAND FM IF
More results




About Hynix Semiconductor


Hynix Semiconductor is a South Korean company that specializes in the design and manufacture of memory semiconductors.
The company was founded in 1983 and is headquartered in Icheon, South Korea.
Hynix is one of the world's leading producers of DRAM (dynamic random access memory) and NAND flash memory, which are used in various applications such as computer systems, mobile devices, and solid-state drives.
Hynix is known for its expertise in memory semiconductor technology and its ability to deliver high-quality and high-performance memory products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized memory solutions that meet their specific requirements and needs.
In addition to its memory products, Hynix also provides a range of products and solutions for the automotive and data center markets, such as system-on-a-chip (SoC) products and high-bandwidth memory (HBM) products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com