Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL3361 Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # GL3361
Description  Low Power Narrow Band FM IF
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GL3361 Datasheet(HTML) 4 Page - Hynix Semiconductor

  GL3361 Datasheet HTML 1Page - Hynix Semiconductor GL3361 Datasheet HTML 2Page - Hynix Semiconductor GL3361 Datasheet HTML 3Page - Hynix Semiconductor GL3361 Datasheet HTML 4Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
GL3361
4
Application Circuit
1
16
15
14
13
12
11
10
9
2
3
4
5
6
7
8
GL3361
Vcc
68pF
0.1
Quad Coil
51
470k
RF input
SCAN
control
AUDIO
output
3.3k
6.8k
3.3k
0.001
4.7k
FLT - muRata Erie North America Type CFU455D2 or equivalent
Quadrature Coil - Toko America Type 7MC-8128Z or equivalent
Units : R =§ Ù
C = § Þ
, unless noted



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com