Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL3361 Datasheet(PDF) 2 Page - Hynix Semiconductor

Part # GL3361
Description  Low Power Narrow Band FM IF
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GL3361 Datasheet(HTML) 2 Page - Hynix Semiconductor

  GL3361 Datasheet HTML 1Page - Hynix Semiconductor GL3361 Datasheet HTML 2Page - Hynix Semiconductor GL3361 Datasheet HTML 3Page - Hynix Semiconductor GL3361 Datasheet HTML 4Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GL3361
2
Characteristics
Pin
Power Supply Voltage
Operating Supply Voltage Range
4
Operating Temperature Range
Storage Temperature Range
4
-
-
Symbol
Vcc(max)
Vcc
Ta
Tstg
Value
10
2.0 to 8.0
0 to +70
-65 to +150
Unit
Vdc
Vdc
¡ É
¡ É
Absolute Maximum Ratings (Ta=25¡ É,unless otherwise noted)
( Vcc=4.0Vdc, fo=10.7MHz,¡ â
f=¡ ¾
3kHz,fmod=1.0kHz,Ta=25¡ É
, unless otherwise noted )
Electrical Characteristics
* Notice : Absolute maximum ratings are values beyond which permanent damage to the device may occur.
Characteristics
Recovered Audio Output Voltage
Operating Current ( No signal )
Input Limiting Voltage
Total Harmonic Distortion
Drop Voltage AF Gain Loss
Detector Output Impedance
Filter Gain
Filter Output Voltage
Mute Function Low
Mute Function High
Scan Function Low
Scan Function High
Trigger Hysteresis
Mixer Conversion Gain
Mixer Input Resistance
Mixer Input Capacitance
Symbol
Icc_off
Icc_on
Test conditions
Squelch on ( V12=GND )
Squelch off ( V12=1V )
Spec.
2.0
2.5
3.5
4.2
5.2
6.2
Min
Typ
Max
Vout
Vin(lim)
Vin = 10mVrms
-3dB limiting
120
160
-
-
2.6
6.0
THD
¡ âGv
Vcc = 4V -> 2V
-
0.86
-
-3.0
-0.6
-
Zout
Gflt
Vin = 0.3mVrms
-
550
-
40
50
-
Vflt
Rmute_L Squelch on ( V12 = GND )
0.5
0.7
0.9
-
45
-
Rmute_H
Vscan_L
Squelch off ( V12 = 1V )
Squelch off ( V12 = 1V )
-
11
-
-
0
0.4
Vscan_H
VTH
Squelch on ( V12 = GND )
Squelch on/off
3.0
3.8
-
-
50
-
Gmix
-
26
-
Ri
Ci
-
3.3
-
-
9.0
-
Units
mA
mA
§ Æ
rms
§ Å
rms
%
dB
§ Ù
dB
Vdc
§ Ù
§ Û
V
V
mV
dB
§ Ú
pF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com