Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL3361 Datasheet(PDF) 1 Page - Hynix Semiconductor

Part # GL3361
Description  Low Power Narrow Band FM IF
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GL3361 Datasheet(HTML) 1 Page - Hynix Semiconductor

  GL3361 Datasheet HTML 1Page - Hynix Semiconductor GL3361 Datasheet HTML 2Page - Hynix Semiconductor GL3361 Datasheet HTML 3Page - Hynix Semiconductor GL3361 Datasheet HTML 4Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GL3361
1
Low Power Narrow Band FM IF
Description
The GL3361 is designed for use in FM dual conversion
communications equipment. This device contains an Os-
cillator, Mixer, Limiting Amplifier, Filter Amplifier and
Squelch circuitry.
Features
• Operating Voltage : 2.0 ~ 8.0 V
• Low Power Consumption (2.6mA typical @ Vcc=4.0Vdc)
• Excellent Input Sensitivity (-3dB limiting=2.6§ Åtypical)
• Minimum Number of External Parts Required
• Full ESD Protection
• Package Type : 16 DIP/SOP
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
OSC1
OSC2
MIXOUT
VCC
DEC1
DEC2
QUAD
LIMIN
MIXIN
GND
MUTE
SCAN
SQIN
FLTOUT
FLTIN
AFOUT
Pin Configurations
Block Diagram
The information in this document is subject to change without notice.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Oscillator
Mixer
Squelch Trigger with Hysteresis
Filter
Amp
Demodulator
Limiter
Amp
Crystal OSC
Mixer
output
Vcc
Limiter
input
Decoupling
Quad
coil
IF
input
GND
Mute
Scan
control
Squelch
input
Filter
output
Filter
input
Audio
output
-
+
GL3361


Similar Part No. - GL3361

ManufacturerPart #DatasheetDescription
logo
GENESYS LOGIC
GL3310 GENESYS-GL3310 Datasheet
161Kb / 5P
USB 3.0 to SATA 3Gb/s Bridge Controller Product Overview
GL3321G GENESYS-GL3321G Datasheet
144Kb / 5P
USB 3.0 to SATA 6Gb/s Bridge Controller Product Overview
logo
Hynix Semiconductor
GL339 HYNIX-GL339 Datasheet
606Kb / 12P
Low Power Low Offset Voltage Quad Comparators
GL339A HYNIX-GL339A Datasheet
606Kb / 12P
Low Power Low Offset Voltage Quad Comparators
More results

Similar Description - GL3361

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM3359 NJRC-NJM3359 Datasheet
194Kb / 5P
LOW POWER NARROW BAND FM IF?
logo
Unisonic Technologies
UTCMC3361BP UTC-UTCMC3361BP Datasheet
30Kb / 3P
LOW VOLTAGE/POWER NARROW BAND FM IF
logo
Daewoo Semiconductor
DBL5018 DAEWOO-DBL5018 Datasheet
226Kb / 5P
LOW POWER NARROW BAND FM IF
DBL5019 DAEWOO-DBL5019 Datasheet
270Kb / 6P
LOW POWER NARROW BAND FM IF
logo
AUK corp
SL5018P AUK-SL5018P Datasheet
126Kb / 5P
LOW POWER NARROW BAND FM IF
SL5018 AUK-SL5018_1 Datasheet
129Kb / 5P
LOW POWER NARROW BAND FM IF
SL5019 AUK-SL5019_1 Datasheet
83Kb / 6P
LOW POWER NARROW BAND FM IF
logo
New Japan Radio
NJM3357 NJRC-NJM3357 Datasheet
138Kb / 3P
LOW POWER NARROW BAND FM IF
NJM3359 NJRC-NJM3359_1 Datasheet
152Kb / 4P
LOW POWER NARROW BAND FM IF
logo
Tiger Electronic Co.,Lt...
MC3361D TGS-MC3361D Datasheet
218Kb / 5P
LOW POWER NARROW BAND FM IF
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com