Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA216 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # INA216
Description  Small Size, Low-Power, Unidirectional, CURRENT SHUNT MONITOR Zero-Drift Series
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA216 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA216 Datasheet HTML 6Page - Texas Instruments INA216 Datasheet HTML 7Page - Texas Instruments INA216 Datasheet HTML 8Page - Texas Instruments INA216 Datasheet HTML 9Page - Texas Instruments INA216 Datasheet HTML 10Page - Texas Instruments INA216 Datasheet HTML 11Page - Texas Instruments INA216 Datasheet HTML 12Page - Texas Instruments INA216 Datasheet HTML 13Page - Texas Instruments INA216 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Error_V
=
OS
?
100
V
V
OS
SENSE
INA216
SBOS503B – JUNE 2010 – REVISED JUNE 2010
www.ti.com
These comments have framed the decision on what
Calculating Total Error
the shunt resistor value should be, based on the
The electrical specifications for the INA216 include
full-scale
value;
but
many
applications
require
the typical individual errors terms such as gain error,
accurate measurements at levels as low as 10% of
offset
error,
and
nonlinearity
error.
Total
error
the full-scale value. At this level, the input offset
including all of these individual error components is
voltage of the current shunt monitor becomes a larger
not specified in the Electrical Characteristics table. To
percentage of the shunt voltage, and thus contributes
accurately calculate the error that can be expected
a larger error to the output. The percentage of error
from the device, we must first know the operating
created by the input offset voltage relative to the
conditions to which the device is subjected. Some
shunt voltage is shown in Equation 1.
current shunt monitors specify a total error in the
product data sheet. However, this total error term is
accurate under only one particular set of operating
(1)
conditions. Specifying the total error at this one point
Ideally, the differential input voltage at 10% would be
has little practical value, though, because any
increased to minimize the effects of the input offset
deviation from these specific operating conditions no
voltage; however, we are bound by the full-scale
longer yields the same total error value. This section
value. The full-scale output voltage on the INA216 is
discusses
the
individual
error
sources,
with
limited to 200mV below the supply voltage (IN+).
information on how to apply them in order to calculate
Selecting a shunt resistor to increase the shunt
the total error value for the device under normal
voltage at the low operating range of the load current
operating conditions.
could easily saturate the output of the current shunt
The typical error sources that have the largest impact
monitor at the full-scale load current. For applications
on the total error of the device are input offset
where accuracy over a larger range is needed, a
voltage, common-mode voltage rejection, gain error,
lower gain option (and therefore, a larger differential
and nonlinearity error.
input voltage) is selected. For applications where a
minimal voltage drop on the line that powers the load
The nonlinearity error of the INA216 is relatively low
is required, a higher gain option (and so, a smaller
compared to the gain error specification, which
differential input voltage) is selected.
results in a gain error that can be expected to be
relatively constant throughout the linear input range of
For example, consider a design that requires a
the device. While the gain error remains constant
full-scale output voltage of 4V, a maximum load
across the linear input range of the device, the error
current of 10A, and a maximum voltage drop on the
associated with the input offset voltage does not. As
common-mode line of 25mV. The 25mV maximum
the differential input voltage developed across a
voltage drop requirement and a 4V full-scale output
shunt resistor at the input of the INA216 decreases,
limits the gain option to the 200V/V device. A 100V/V
the inherent input offset voltage of the device
setting would require a maximum voltage drop of
becomes a larger percentage of the measured input
40mV with the other two lower gain versions creating
signal, resulting in an increase in measurement error.
larger voltage drops. Based on the gain of 200 on a
This varying error is present among all current shunt
4V full-scale output, the maximum differential input
monitors, given the input offset voltage ratio to the
voltage would be 20mV. The shunt resistor needed to
voltage being sensed by the device. The low input
create a 20mV drop with a 10A load current is 2m
Ω.
offset voltages present in the INA216 devices,
When choosing the proper shunt resistor, it is also
however, limit the amount of contribution the offset
important to consider that at higher currents, the
voltage has on the total error term.
power dissipation in the shunt resistor becomes
Two examples are provided that detail how different
greater. Therefore, it is important to evaluate the drift
operating
conditions
can
affect
the
total
error
of the sense resistor as a result of power dissipation,
calculations. Typical and maximum calculations are
and choose an appropriate resistor based on its
shown as well to provide the user more information
power wattage rating.
on how much error variance could be present from
device to device.
10
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): INA216



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com