Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA216 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # INA216
Description  Small Size, Low-Power, Unidirectional, CURRENT SHUNT MONITOR Zero-Drift Series
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA216 Datasheet(HTML) 2 Page - Texas Instruments

  INA216 Datasheet HTML 1Page - Texas Instruments INA216 Datasheet HTML 2Page - Texas Instruments INA216 Datasheet HTML 3Page - Texas Instruments INA216 Datasheet HTML 4Page - Texas Instruments INA216 Datasheet HTML 5Page - Texas Instruments INA216 Datasheet HTML 6Page - Texas Instruments INA216 Datasheet HTML 7Page - Texas Instruments INA216 Datasheet HTML 8Page - Texas Instruments INA216 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
OUT
A2
A1
B2
B1
IN-
IN+
GND
INA216
SBOS503B – JUNE 2010 – REVISED JUNE 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE INFORMATION(1)
PACKAGE
PRODUCT
GAIN
PACKAGE-LEAD
DESIGNATOR
PACKAGE MARKING
INA216A1
25V/V
WCSP-4
YFF
OW
INA216A2
50V/V
WCSP-4
YFF
OX
INA216A3
100V/V
WCSP-4
YFF
OY
INA216A4
200V/V
WCSP-4
YFF
OZ
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
INA216
UNIT
Supply Voltage
+7
V
Differential (VIN+)–(VIN–)
–5.5 to +5.5
V
Analog Inputs,
VIN+, VIN–
(2)
Common-Mode(3)
GND–0.3V to +5.5
V
Output(3)
GND–0.3V to (V+)+0.3
V
Input Current into Any Pin(3)
5
mA
Operating Temperature
–55 to +150
°C
Storage Temperature
–65 to +150
°C
Junction Temperature
+150
°C
Human Body Model
2.5
kV
ESD Ratings:
Charged Device Model
1
kV
Machine Model
200
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
VIN+ and VIN– are the voltages at the IN+ and IN– pins, respectively.
(3)
Input voltage at any pin may exceed the voltage shown if the current at that pin is limited to 5mA.
PIN CONFIGURATION
YFF PACKAGE
WCSP-4
(TOP VIEW)
(1)
Bump side down. Drawing not to scale.
(2)
Power supply is derived from shunt (minimum common-mode range = 1.8V)
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): INA216



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com