Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1101 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC1101
Description  VOLTAGE MODE PWM CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1101 Datasheet(HTML) 2 Page - Semtech Corporation

  SC1101 Datasheet HTML 1Page - Semtech Corporation SC1101 Datasheet HTML 2Page - Semtech Corporation SC1101 Datasheet HTML 3Page - Semtech Corporation SC1101 Datasheet HTML 4Page - Semtech Corporation SC1101 Datasheet HTML 5Page - Semtech Corporation SC1101 Datasheet HTML 6Page - Semtech Corporation SC1101 Datasheet HTML 7Page - Semtech Corporation SC1101 Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SC1101
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
VOLTAGE MODE PWM CONTROLLER
February 29, 2000
2
Pin #
Pin Name
Pin Function
1V
CC
Device Input Voltage
2C
s(-)
Current Sense Input (Negative)
3C
s(+)
Current Sense Input (Positive)
4P
GND
Device Power Ground
5
DH
High Side Driver Output
6
BST
High Side Driver V
CC (Boost)
7
FB
Error Amplifier Input (-)
8
GND
Small Signal Ground
Parameter
Symbol
Maximum
Units
Input Voltage
V
CC to GND
-0.3 to +7
V
Ground Differential
P
GND to GND
± 1
V
Boost Input Voltage
BST to GND
-0.3 to +15
V
Operating Temperature
T
A
0 to +70
°C
Storage Temperature
T
J
-45 to +125
°C
Lead Temperature (Soldering) 10 seconds
T
L
300
°C
Thermal Resistance, Junction to Ambient
θ
JA
165
°C/W
Thermal Resistance, Junction to Case
θ
JC
40
°C/W
PIN DESCRIPTION
ABSOLUTE MAXIMUM RATINGS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com