Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1101 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC1101
Description  VOLTAGE MODE PWM CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1101 Datasheet(HTML) 4 Page - Semtech Corporation

  SC1101 Datasheet HTML 1Page - Semtech Corporation SC1101 Datasheet HTML 2Page - Semtech Corporation SC1101 Datasheet HTML 3Page - Semtech Corporation SC1101 Datasheet HTML 4Page - Semtech Corporation SC1101 Datasheet HTML 5Page - Semtech Corporation SC1101 Datasheet HTML 6Page - Semtech Corporation SC1101 Datasheet HTML 7Page - Semtech Corporation SC1101 Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SC1101
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
VOLTAGE MODE PWM CONTROLLER
February 29, 2000
4
Fig.3: Ripple; Vo=2.90V; Io=10A
Fig.4: Efficiency
70%
75%
80%
85%
90%
95%
100%
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
Output Current (Amps)
3.50V Set
3.00V Set
2.40V Set
2.00V Set
Fig.2: Load Regulation Characteristic
-0.02
-0.01
0
0.01
0.02
0.03
0.04
0.05
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
Output Current (Amps)
-10
-5
0
5
10
15
20
25
30
35
40
100.0E+0
1.0E+3
10.0E+3
100.0E+3
1.0E+6
10.0E+6
Frequency (Hz)
-45
0
45
90
135
180
Gain
Phase
Fig.1: Error Amplifier, Gain and Phase



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com