Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1102 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC1102
Description  SYNCHRONOUS DC/DC CONTROLLER FOR DISTRIBUTED POWER SUPPLY APPLICATIONS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1102 Datasheet(HTML) 2 Page - Semtech Corporation

  SC1102 Datasheet HTML 1Page - Semtech Corporation SC1102 Datasheet HTML 2Page - Semtech Corporation SC1102 Datasheet HTML 3Page - Semtech Corporation SC1102 Datasheet HTML 4Page - Semtech Corporation SC1102 Datasheet HTML 5Page - Semtech Corporation SC1102 Datasheet HTML 6Page - Semtech Corporation SC1102 Datasheet HTML 7Page - Semtech Corporation SC1102 Datasheet HTML 8Page - Semtech Corporation SC1102 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SC1102
SYNCHRONOUS DC/DC CONTROLLER FOR
DISTRIBUTED POWER SUPPLY APPLICATIONS
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
September 5, 2000
2
NOTE:
(1) Specification refers to application circuit (Figure 1).
ELECTRICAL CHARACTERISTICS
Unless specified: V
CC = 4.75V to 12.6V; GND = PGND = 0V; FB = VO; VBSTL = 12V; VBSTH-PHASE = 12V; TJ = 25
oC
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
Supply Voltage
V
CC
4.2
12.6
V
Supply Current
EN = V
CC
610
mA
Line Regulation
V
O = 2.5V
0.5
%
ERROR AMPLIFIER
Gain (AOL)
35
dB
Input Bias
58
µA
OSCILLATOR
Oscillator Frequency
180
200
220
kHz
Oscillator Max Duty Cycle
90
95
%
MOSFET DRIVERS
DH Source/Sink Current
BST
H - DH = 4.5V / DH - PHASE = 2V
1
A
DL Source/Sink Current
BST
L - DL = 4.5V / DL - PGNDL = 2V
1
A
PROTECTION
OVP Threshold Voltage
20
%
OVP Source Current
V
OVP = 3V
10
mA
Power Good Threshold
88
112
%
Dead Time
45
100
ns
Over Current Set Isource
2.0V
≤ V
OCSET ≤ 12V
180
200
220
µA
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Maximum
Units
V
CC, BSTL to GND
V
IN
-0.3 to 14
V
PGND to GND
± 0.5
V
PHASE to GND
-0.3 to 18
V
BSTH to PHASE
14
V
Thermal Resistance Junction to Case
θ
JC
45
°C/W
Thermal Resistance Junction to Ambient
θ
JA
115
°C/W
Operating Temperature Range
T
A
0 to 70
°C
Storage Temperature Range
T
STG
-65 to +150
°C
Lead Temperature (Soldering) 10 sec
T
LEAD
300
°C
ESD Rating (Human Body Model)
ESD
2
kV



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com