Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1102 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC1102
Description  SYNCHRONOUS DC/DC CONTROLLER FOR DISTRIBUTED POWER SUPPLY APPLICATIONS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1102 Datasheet(HTML) 4 Page - Semtech Corporation

  SC1102 Datasheet HTML 1Page - Semtech Corporation SC1102 Datasheet HTML 2Page - Semtech Corporation SC1102 Datasheet HTML 3Page - Semtech Corporation SC1102 Datasheet HTML 4Page - Semtech Corporation SC1102 Datasheet HTML 5Page - Semtech Corporation SC1102 Datasheet HTML 6Page - Semtech Corporation SC1102 Datasheet HTML 7Page - Semtech Corporation SC1102 Datasheet HTML 8Page - Semtech Corporation SC1102 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SC1102
SYNCHRONOUS DC/DC CONTROLLER FOR
DISTRIBUTED POWER SUPPLY APPLICATIONS
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
September 5, 2000
4
NOTE:
(1) All logic level inputs and outputs are open collector TTL compatible.
PIN DESCRIPTION
Pin #
Pin Name
Pin Function
1
VCC
Chip supply voltage
2
PWRGD
Logic high indicates correct output voltage
3
OVP
Over voltage protection.
4
OCSET
Sets the converter overcurrent trip point
5
PHASE
Input from the phase node between the MOSFET’S
6
DH
High side driver output
7
PGND
Power ground
8
DL
Low side driver output
9
BSTL
Bootstrap, low side driver.
10
BSTH
Bootstrap, high side driver.
11
SENSE
Voltage sense input
12
VREF
Buffered band gap voltage reference.
13
SS/SHDN
Soft start. A capacitor to ground sets the slow start time.
14
GND
Signal ground
CHARACTERISTIC CURVES
SC1102 Voltage Regulation, Vin=5V
-2%
-1%
0%
1%
2%
0
123
456
78
9
10 11 12
Current, A
3.3V
2.5V
2.0V
1.3V
SC1102 Effiency, Vin=5V
60%
70%
80%
90%
100%
01
23
45
678
9
10
11
12
Current, A
3.3V
2.5V
2.0V
1.3V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com