Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC111 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC111
Description  SINK AND SOURCE DC/DC CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC111 Datasheet(HTML) 3 Page - Semtech Corporation

  SC111 Datasheet HTML 1Page - Semtech Corporation SC111 Datasheet HTML 2Page - Semtech Corporation SC111 Datasheet HTML 3Page - Semtech Corporation SC111 Datasheet HTML 4Page - Semtech Corporation SC111 Datasheet HTML 5Page - Semtech Corporation SC111 Datasheet HTML 6Page - Semtech Corporation SC111 Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SC1110
SINK AND SOURCE DC/DC CONTROLLER FOR
TERMINATION POWER SUPPLY APPLICATIONS
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
PRELIMINARY - October 9, 2000
3
BLOCK DIAGRAM
ELECTRICAL CHARACTERISTICS
Unless specified: V
CC = 4.75V to 12.6V; GND = PGND = 0V; FB = VO; VBSTL = 12V; VBSTH-PHASE = 12V; TJ = 25
oC
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
MOSFET DRIVERS
Peak DH Sink/Source Current
BSTH - DH = 4.5V, DH - PHASE = 3.0V
0.5
A
DH - PHASE = 1.5V
0.1
Peak DL Sink/Source Current
BSTL - DL = 4.5V, DL - GND = 3.0V
0.5
A
DL - GND = 1.5V
0.1
PROTECTION
Over Current Set Isource
V
OCSET = 4.5V
180
200
220
µA
SOFT START
Charge Current
V
SS = 1.5V
10
µA
Discharge Current
V
SS = 1.5V
2
µA
POWER GOOD
Upper Threshold
112
%
Lower Threshold
88
%
PWRGD Voltage Low
I
PWRGD = 2mA
0.5
V
REFERENCE
REFOUT Source Current
3
mA
Input Bias
58
µA
NOTE:
(1) Specification refers to application circuit (Figure 1.).



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com