Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC111 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC111
Description  SINK AND SOURCE DC/DC CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC111 Datasheet(HTML) 1 Page - Semtech Corporation

  SC111 Datasheet HTML 1Page - Semtech Corporation SC111 Datasheet HTML 2Page - Semtech Corporation SC111 Datasheet HTML 3Page - Semtech Corporation SC111 Datasheet HTML 4Page - Semtech Corporation SC111 Datasheet HTML 5Page - Semtech Corporation SC111 Datasheet HTML 6Page - Semtech Corporation SC111 Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SC1110
SINK AND SOURCE DC/DC CONTROLLER FOR
TERMINATION POWER SUPPLY APPLICATIONS
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
PRELIMINARY - October 9, 2000
1
DESCRIPTION
The SC1110 is a low-cost, full featured, synchronous
voltage-mode controller designed to generate termina-
tion voltage in double data rate (DDR) memory sys-
tems and other applications where wide data bus need
to be actively terminated. Synchronous control of the
MOSFET half bridge allows power flowing bi-
directionally. The termination voltage can be tightly
regulated to track the chipset voltage, i.e. to be exactly
50% of that at all times.
The SC1110 is ideal for low cost implementation of ter-
mination voltage supplies. SC1110 features include
temperature compensated voltage reference, triangle
wave oscillator and current sense comparator circuitry,
and allows the use of inexpensive N-channel power
switches.
The SC1110 operates at a fixed 250kHz, providing an
optimum compromise between efficiency, transient
performance, external component size, and cost.
FEATURES
•= Generates termination voltages for active termina-
tion schemes
•= 1% set point accuracy
•= For ±7A output current, transient regulation is bet-
ter than ±80mV
•= V
REFIN pin available
•= Buffered V
REFOUT for system usage
•= R
DSON sensing for over current protection in hiccup
mode
•= Soft start and logic input enabling
•= 250kHz switching for best transient and efficiency
performance
•= Gate drive capable for 0.5A sourcing and sinking
APPLICATIONS
•= For DDR memory systems
•= For active termination schemes in high speed logic
systems
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
DEVICE
(1)
PACKAGE
TEMP. RANGE (T
J)
SC1110CSTR
SO-14
0 - 125°C
ORDERING INFORMATION
Note:
(1) Only available in tape and reel packaging. A reel
contains 2500 devices.
TYPICAL APPLICATION CIRCUIT
Q1
Si9426DY
Q2
Si9426DY
R8
2.2
R3
10
L1
800 nH
D1
MBRM120
C6
1.0
C12-14
3 x 560uF
C10,11
2 x 560uF
R6
4.7k
C2
0.1
C4
0.022
C1
0.01
R2
1.24k
REFOUT
SS/ENBL
+
_
+
_
Vin 2.5V
Vout = 1.25V @ 7A
+5Vcc
R7
2.2
C8,9
2 x 10uF
C7
1.0
C5
0.047
C15-24
10 x 10uF
C10-14: Sanyo, 4SP560M
C8,9,15-24: TDK, CC3216AX5R0J106K
Q1,Q2 options: Si9426DY, FDS6890A, IRF7401
D1: ON Semi (Motorola)
L1: Panasonic, ETQP6F0R8L or Falco, QPIP1205-809-3
R4
1k
R5
1k
C3
0.1
VCC
1
REFOUT
14
SS/ENBL
2
OCSET
3
GND
5
PHASE
6
DL
7
DH
8
BSTH
9
BSTL
10
COMP
11
SENSE
12
REFIN
13
PWRGD
4
U1
SC1110
PWRGD
R1
5k
C25
0.1


Similar Part No. - SC111

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC111 SEMTECH-SC111 Datasheet
127Kb / 4P
0.8AMP POSITIVE VOLTAGE REGULATOR
logo
VITALCONN ELECTRONICS H...
SC111 VITALCONN-SC111 Datasheet
192Kb / 2P
SFP1*1 CONN
logo
Semtech Corporation
SC1110CSTRT SEMTECH-SC1110CSTRT Datasheet
295Kb / 12P
Sink and Source DC/DC Controller for Termination Power Supply Applications
SC1110TSTRT SEMTECH-SC1110TSTRT Datasheet
295Kb / 12P
Sink and Source DC/DC Controller for Termination Power Supply Applications
SC1110 SEMTECH-SC1110_04 Datasheet
295Kb / 12P
Sink and Source DC/DC Controller for Termination Power Supply Applications
More results

Similar Description - SC111

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1102 SEMTECH-SC1102 Datasheet
146Kb / 10P
SYNCHRONOUS DC/DC CONTROLLER FOR DISTRIBUTED POWER SUPPLY APPLICATIONS
logo
International Rectifier
IRU3138 IRF-IRU3138 Datasheet
281Kb / 18P
SYNCHRONOUS PWM CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
IRU3038 IRF-IRU3038 Datasheet
139Kb / 18P
SYNCHRONOUS PWM CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
logo
Semtech Corporation
SC1110 SEMTECH-SC1110_04 Datasheet
295Kb / 12P
Sink and Source DC/DC Controller for Termination Power Supply Applications
logo
Texas Instruments
TPS51200-Q1 TI1-TPS51200-Q1_15 Datasheet
1Mb / 36P
Sink and Source DDR Termination Regulator
TPS51200-EP TI1-TPS51200-EP Datasheet
395Kb / 32P
Sink and Source DDR Termination Regulator
TPS51200-EP TI1-TPS51200-EP_17 Datasheet
582Kb / 35P
Sink and Source DDR Termination Regulator
TPS51200A-Q1 TI1-TPS51200A-Q1 Datasheet
1Mb / 32P
Sink and Source DDR Termination Regulator
TPS51200A-Q1_1812 TI1-TPS51200A-Q1_1812 Datasheet
1Mb / 32P
Sink and Source DDR Termination Regulator
logo
SG Micro Corp
SGM2054 SGMICRO-SGM2054 Datasheet
737Kb / 14P
Sink and Source DDR Termination Regulator
JANUARY2022 - REV.A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com