Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1150 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1150
Description  PROGRAMMABLE DC/DC CONTROLLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1150 Datasheet(HTML) 1 Page - Semtech Corporation

  SC1150 Datasheet HTML 1Page - Semtech Corporation SC1150 Datasheet HTML 2Page - Semtech Corporation SC1150 Datasheet HTML 3Page - Semtech Corporation SC1150 Datasheet HTML 4Page - Semtech Corporation SC1150 Datasheet HTML 5Page - Semtech Corporation SC1150 Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SC1150
© 1998 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA
PROGRAMMABLE DC/DC
CONTROLLER
March 11, 1998
1
Pentium is a registered trademark of Intel Corporation
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
DESCRIPTION
The SC1150 voltage mode controller contains most of
the circuitry necessary to implement a DC/DC converter
for powering the Intel Pentium
® Pro microprocessor,
both in single and multiple processor configurations.
The SC1150 features an integrated D/A converter,
pulse by pulse current limiting, integrated power good
signaling, logic compatible shutdown and on-board over
voltage protection (OVP).
The SC1150 operates at a fixed frequency of 200kHz,
providing an optimum compromise between size, effi-
ciency and cost in the intended application areas.
The integrated D/A converter provides programmability
of output voltage from 2.0V to 3.5V in 100mV incre-
ments with no external components. Both the range
and the increment value may be changed by adding ex-
ternal components.
The SC1150 provides an OVP output which can be
used to trigger a crowbar circuit for true over voltage
protection.
FEATURES
• 85% efficiency
• 4 bit DAC for output programmability
• On chip power good and OVP functions
• Meets Intel Pentium® Pro VRM8.0 specifications
APPLICATIONS
• Pentium® Pro Processor supplies
• Pentium® Pro Processor VRM modules
• 2.0V to 3.5V microprocessor supplies
• Programmable power supplies
BLOCK DIAGRAM
VCC
VCC
1.00V to
1.75V
ERROR
AMP
OSCILLATOR
LEVEL SHIFT
AND DRIVE
1.25V REF
D/A
+
-
+
-
CURRENT LIMIT
+
-
+
-
CSm
VID0
VID2
VID1
VID3
VOSENSE
PWRGOOD
BST
DH
VCC
SHUTDOWN
OVP
GND
FB
PGND
R
S
Q
+
-
70mV
CSp
+
-
B16997B
PIN CONFIGURATION
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
PWRGOOD
VID0
VID1
VID2
VID3
BST
DH
VOSENSE
GND
SHUTDOWN
PGND
VCC
CSp
CSm
OVP
FB
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Maximum
Units
V
CC to GND
V
IN
-0.3 to 7
V
PGND to GND
± 1
V
BST to GND
-0.3 to 15
V
Operating
Temperature Range
T
A
0 to 70
°C
Storage
Temperature Range
T
STG
-65 to +150
°C
Lead Temperature
(Soldering) 10 sec
T
LEAD
300
°C
ORDERING INFORMATION
DEVICE
(1)
PACKAGE
TEMP RANGE (T
J)
SC1150CS
SO-16
0 - 125°C
Note:
(1) Add suffix ‘TR’ for tape and reel.


Similar Part No. - SC1150

ManufacturerPart #DatasheetDescription
logo
Campbell Scientific Uni...
SC115 CAMPBELL-SC115 Datasheet
432Kb / 2P
CS I/O 2 GB Flash Memory Drive with USB Interface
12/17/2019
logo
Semtech Corporation
SC1151 SEMTECH-SC1151 Datasheet
97Kb / 6P
PROGRAMMABLE DC/DC CONTROLLER FOR ADVANCED MICROPROCESSORS
SC1151CS SEMTECH-SC1151CS Datasheet
97Kb / 6P
PROGRAMMABLE DC/DC CONTROLLER FOR ADVANCED MICROPROCESSORS
SC1152 SEMTECH-SC1152 Datasheet
77Kb / 7P
PROGRAMMABLE SYNCHRONOUS DC/DC CONTROLLER FOR ADVANCED PROCESSORS
SC1152CS SEMTECH-SC1152CS Datasheet
77Kb / 7P
PROGRAMMABLE SYNCHRONOUS DC/DC CONTROLLER FOR ADVANCED PROCESSORS
More results

java.net.ConnectException: Connection refused (Connection refused)java.lang.NullPointerException

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com