Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1150 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC1150
Description  PROGRAMMABLE DC/DC CONTROLLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1150 Datasheet(HTML) 4 Page - Semtech Corporation

  SC1150 Datasheet HTML 1Page - Semtech Corporation SC1150 Datasheet HTML 2Page - Semtech Corporation SC1150 Datasheet HTML 3Page - Semtech Corporation SC1150 Datasheet HTML 4Page - Semtech Corporation SC1150 Datasheet HTML 5Page - Semtech Corporation SC1150 Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SC1150
© 1998 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA
PROGRAMMABLE DC/DC
CONTROLLER
March 11, 1998
4
APPLICATION CIRCUIT
Quantity Reference
Part/Description
Vendor
Notes
4
C1,C11-C13 0.1µF Ceramic
Various
9
C2-C10
1000µF/6.3V
SANYO
MV-GX or equiv. Low ESR
1
D1
PSR16C30CT
PHOTRON
1
L1
4µH
8 Turns 16AWG on MICROMETALS T50-52D core
1
Q1
BUK556
PHILIPS
Logic level FET,
≤22mΩ, 30V
1
R1
5m
Ω
IRC
OAR-1 Series
1
R2
10k
Ω, 5%, 1/8W
Various
1
R3
2.32k
Ω, 1%, 1/8W Various
1
R4
1k
Ω, 1%, 1/8W
Various
1
R5
10
Ω, 5%, 1/8W
Various
1
U1
SC1150CS
SEMTECH
MATERIALS LIST
C1
0.1uF
C5
1000uF
+
C6
1000uF
+
C7
1000uF
+
C8
1000uF
+
Q1
BUK556
C4
1000uF
+
C3
1000uF
+
C2
1000uF
+
L1
4uH
U1
SC1150CS
GND
1
VCC
2
OVP
3
PWRGOOD
4
CSm
5
CSp
6
PGND
7
DH
8
BST
9
SHUTDOWN
10
VOSENSE
11
FB
12
VID3
13
VID2
14
VID1
15
VID0
16
R2
10k
R3
2.32k
R4
1.00k
C9
1000uF
+
C10
1000uF
+
R1
5mOhm
D1
PSR16C30CT
C11
0.1uF
R5
10
C12
0.1uF
C13
0.1uF
5V IN
12V IN
OVP
VID0
VID1
VID2
VID3
SHUTDOWN
PWRGD
VCCP
REF 16935E



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com