Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT2907AW Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBT2907AW
Description  PNP Silicon General Purpose Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBT2907AW Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MMBT2907AW Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBT2907AW Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMBT2907AW Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
MMBT2907AW
PNP Silicon
General Purpose Transistor
20-Oct-2009 Rev. C
Page 1 of 3
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
COLLECTOR
3
1
BASE
2
EMITTER
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURE
Complementary NPN Type Available(MMBT2222AW)
Epitaxial Planar Die Construction
Ideal for Medium Power Amplification and Switching
MARKING CODE
MMBT2907AW
= K3F, 20
ABSOLUTE MAXIMUM RATINGS at Ta = 25°C
PARAMETER
SYMBOL
RATINGS
UNIT
Collector to Base Voltage
VCBO
-60
V
Collector to Emitter Voltage
VCEO
-60
V
Emitter to Base Voltage
VEBO
-5
V
Collector Currrent
IC
-600
mA
Total Power Dissipation
PD
200
mW
Junction, Storage Temperature
TJ, TSTG
+150, -55 ~ +150
℃
ELECTRICAL CHARACTERISTICS at Ta = 25°C
CHARACTERISTIC
TEST CONDITION
SYMBOL
MIN.
MAX.
UNIT
Collector-Base Breakdown Voltage
IC=-10μA, IE=0
BVCBO
-60
V
Collector-Emitter Breakdown Voltage
IC = -10 mA, IB = 0
BVCEO
-60
V
Emitter=Base Breakdown Voltage
IE=-10μA, IC=0
BVEBO
-5
V
Collector Cutoff Current
VCB=-50V, IE=0
ICBO
-100
nA
Collector Cutoff Current
VEB=-30V, IB=0
ICES
-100
nA
Emitter Cutoff Current
VEB=-3V, IC=0
IEBO
-100
nA
VCE=-10V, IC=-0.1mA
hFE1
75
VCE=-10V, IC=-1mA
hFE2
100
VCE=-10V, IC=-10mA
hFE3
100
VCE=-10V, IC=-150mA
hFE4
100
300
DC Current Gain
VCE=-10V, IC=-500mA
hFE5
50
IC=-150mA, IB=-15mA
VCE(sat)
-0.4
V
Collector-emitter Saturation Voltage
IC=-500mA, IB=-50mA
VCE(sat)
-1.6
V
IC=-150mA, IB=-15mA
VBE(sat)
-0.6
-1.3
V
Base-Emitter Saturation Voltage
IC=-500mA, IB=-50mA
VBE(sat)
-2.6
V
Transition Frequency
VCE=-20V, IC=-50mA, f=100MHz
fT
200
MHz
Output Capacitance
VCB=-10V, IE=0, f=0.1MHz
Cobo
8
pF
Input Capacitance
VEB=-2V, IC=0, f=0.1MHz
Cib
30
pF
Delay Time
Td
10
nS
Rise Time
Vcc=-30V, VBE(Off)=-1.5V
IC=-150mA, IB1=-15mA
Tr
40
nS
Storage Time
TS
80
nS
Fall Time
Vcc=-30V, IC=-150mA
IB1=- IB2 =-15mA
TF
30
nS
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.80
2.20
G
0.100 REF.
B
1.80
2.45
H
0.525 REF.
C
1.15
1.35
J
0.08
0.25
D
0.80
1.10
K
-
-
E
1.20
1.40
L
0.650 TYP.
F
0.20
0.40
SOT-323


Similar Part No. - MMBT2907AW

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MMBT2907AW WEITRON-MMBT2907AW Datasheet
294Kb / 6P
PNP General Purpose Transistors
logo
Guangdong Kexin Industr...
MMBT2907AW KEXIN-MMBT2907AW Datasheet
51Kb / 2P
General Purpose Transistor
logo
SEMTECH ELECTRONICS LTD...
MMBT2907AW SEMTECH_ELEC-MMBT2907AW Datasheet
300Kb / 5P
PNP Silicon Epitaxial Planar Medium Power Transistor
logo
Pan Jit International I...
MMBT2907AW PANJIT-MMBT2907AW Datasheet
159Kb / 5P
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
logo
Foshan Blue Rocket Elec...
MMBT2907AW FOSHAN-MMBT2907AW Datasheet
1Mb / 6P
Silicon PNP transistor in a SOT-323 Plastic Package
More results

Similar Description - MMBT2907AW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT2907AWT1 ONSEMI-MMBT2907AWT1 Datasheet
76Kb / 4P
General Purpose Transistor(PNP Silicon)
April, 2004 ??Rev. 3
logo
Zowie Technology Corpor...
MMBT2907A ZOWIE-MMBT2907A Datasheet
90Kb / 4P
GENERAL PURPOSE TRANSISTOR PNP SILICON
logo
Weitron Technology
A733LT1 WEITRON-A733LT1 Datasheet
1Mb / 4P
General Purpose Transistor PNP Silicon
BC807-16 WEITRON-BC807-16 Datasheet
322Kb / 4P
General Purpose Transistor PNP Silicon
MMBT3906 WEITRON-MMBT3906 Datasheet
300Kb / 6P
General Purpose Transistor PNP Silicon
logo
SeCoS Halbleitertechnol...
2N2907A SECOS-2N2907A Datasheet
210Kb / 5P
PNP Silicon General Purpose Transistor
2SA1036K SECOS-2SA1036K Datasheet
227Kb / 2P
PNP Silicon General Purpose Transistor
2SA1576F SECOS-2SA1576F Datasheet
439Kb / 3P
PNP Silicon General Purpose Transistor
2SB709A SECOS-2SB709A Datasheet
564Kb / 3P
PNP Silicon General Purpose Transistor
logo
ON Semiconductor
BCW68GLT1G ONSEMI-BCW68GLT1G Datasheet
113Kb / 3P
General Purpose Transistor PNP Silicon
August, 2009 ??Rev. 5
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com