Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1150CS Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC1150CS
Description  PROGRAMMABLE DC/DC CONTROLLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1150CS Datasheet(HTML) 5 Page - Semtech Corporation

  SC1150CS Datasheet HTML 1Page - Semtech Corporation SC1150CS Datasheet HTML 2Page - Semtech Corporation SC1150CS Datasheet HTML 3Page - Semtech Corporation SC1150CS Datasheet HTML 4Page - Semtech Corporation SC1150CS Datasheet HTML 5Page - Semtech Corporation SC1150CS Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SC1150
© 1998 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA
PROGRAMMABLE DC/DC
CONTROLLER
March 11, 1998
5
-0.020
-0.010
0.000
0.010
0.020
0.030
0.040
0.050
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
Output Current (Amps)
SC1150 Regulation in Application circuit 16935E
Application circuit 16935E Ripple, 3.1V, 10A out
70.0%
75.0%
80.0%
85.0%
90.0%
95.0%
100.0%
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
3.50V Set
3.00V Set
2.40V Set
2.00V Set
Output Current (Amps)
SC1150 Efficiency in Application circuit 16935E
Application circuit 16935E Transient Response, 3.1V, 0.3A to 10A
Vo at Io=300mA steady state
Vo at Io=10A steady state
Steady state voltage
levels are superimposed
for reference.
CHARACTERISTIC CURVES



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com