Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1150CS Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC1150CS
Description  PROGRAMMABLE DC/DC CONTROLLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1150CS Datasheet(HTML) 3 Page - Semtech Corporation

  SC1150CS Datasheet HTML 1Page - Semtech Corporation SC1150CS Datasheet HTML 2Page - Semtech Corporation SC1150CS Datasheet HTML 3Page - Semtech Corporation SC1150CS Datasheet HTML 4Page - Semtech Corporation SC1150CS Datasheet HTML 5Page - Semtech Corporation SC1150CS Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SC1150
© 1998 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA
PROGRAMMABLE DC/DC
CONTROLLER
March 11, 1998
3
NOTE:
(1) All logic level inputs and outputs are open collector TTL compatible
PIN DESCRIPTION
Pin # Pin Name
Pin Function
1
GND
Small Signal Analog and Digital Ground
2
V
CC
Chip Supply Voltage
3
OVP
(1)
High Signal out if V
O>setpoint + 20%
4
PWRGOOD
(1)
Open collector logic output, high if V
O within
10% of setpoint
5
CSm
Current Sense Input (negative)
6
CSp
Current Sense Input (positive)
7
PGND
Power Ground
8
DH
High side Driver Output
9
BST
Vcc for high side Driver
10
SHUTDOWN
(1)
Logic low shuts down the converter
11
VOSENSE
Top end of internal feedback chain
12
FB
Voltage Feedback Input
13
VID3
(1)
Programming Input (MSB)
14
VID2
(1)
Programming Input
15
VID1
(1)
Programming Input
16
VID0
(1)
Programming Input (LSB)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
PWRGOOD
VID0
VID1
VID2
VID3
BST
DH
VOSENSE
GND
SHUTDOWN
PGND
VCC
CSp
CSm
OVP
FB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com