Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDT4413 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MMDT4413
Description  NPN - PNP Plastic-Encapsulated Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMDT4413 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MMDT4413 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMDT4413 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMDT4413 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MMDT4413 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH MMDT4413 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Elektronische Bauelemente
MMDT4413
NPN - PNP
Plastic-Encapsulated Transistors
01-June-2005 Rev. B
Page 1 of 5
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Complementary Pair
Epitaxial Planar Die Construction
Ideal for Low Power Amplification and Switching
MARKING
K13
EQUIVALENT CIRCUIT
ABSOLUTE MAXIMUM RATINGS at Ta = 25°C
Parameter
Symbol
NPN Ratings
PNP Ratings
Unit
Collector-Base Voltage
VCBO
60
-40
V
Collector-Emitter Voltage
VCEO
40
-40
V
Emitter-Base Voltage
VEBO
6
-5
V
Collector Current -Continuous
IC
0.6
-0.6
A
Collector Power Dissipation
PC
0.2
0.2
W
Thermal Resistance. Junction to
RθJA
625
625
°C/W
Junction & Storage temperature
TJ, TSTG
150, -55~150
°C
NPN ELECTRICAL CHARACTERISTICS at Ta = 25°C
Parameter
Symbol
Min.
Max.
Unit
Test Conditions
Collector-base breakdown voltage
V(BR)CBO
60
-
V
IC= 100 μA, IE=0
Collector-emitter breakdown voltage
V(BR)CEO
40
-
V
IC= 1 mA, IB=0
Emitter-base breakdown voltage
V(BR)EBO
6
-
V
IE= 100 μA, IC=0
Collector cut-off current
ICBO
-
0.1
μ
A
VCB= 50 V, IE=0
Collector cut-off current
ICEO
-
0.5
μ
A
VCE= 35 V, IB=0
Emitter cut-off current
IEBO
-
0.1
μ
A
VEB= 5V, IC=0
hFE(1)
20
-
VCE= 1V, IC= 0.1mA
hFE(2)
40
-
VCE= 1V, IC= 1mA
hFE(3)
80
-
VCE= 1V, IC= 10mA
hFE(4)
100
300
VCE= 1V, IC= 150mA
DC current gain
hFE(5)
40
-
VCE= 2V, IC= 500mA
VCE(sat)1
-
0.4
V
IC=150 mA, IB= 15mA
Collector-emitter saturation voltage
VCE(sat)2
-
0.75
V
IC=500 mA, IB= 50mA
VBE(sat)1
0.75
0.95
V
IC= 150 mA, IB= 15mA
Base-emitter saturation voltage
VBE(sat)2
-
1.2
V
IC= 500 mA, IB= 50mA
Transition frequency
f T
250
-
MHz
VCE= 10V, IC= 20mA, f=100MHz
Output Capacitance
COB
-
6.5
pF
VCB=5V, IE= 0, f=1MHz
Delay time
td
-
15
nS
Rise time
tr
-
20
nS
VCC=30 V, VBE=2.0 V, IC=150 mA, IB1=15 mA
Storage time
ts
-
225
nS
Fall time
tf
-
30
nS
VCC=30 V, IC=150 mA, IB1 =-IB2 = 15 mA
SOT-363
Dimensions in inches and (millimeters)
.014(0.35)
.006(0.15)
.087(2.20)
.079(2.00)
.055(1.40)
.047(1.20)
.026TYP
(0.65TYP)
.096(2.45)
.085(2.15)
.021REF
(0.525)REF
.018(0.46)
.010(0.26)
.006(0.15)
.003(0.08)
.053(1.35)
.045(1.15)
.043(1.10)
.035(0.90)
.039(1.00)
.035(0.90)
.004(0.10)
.000(0.00)
8
o
o
0


Similar Part No. - MMDT4413

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMDT4413 TRSYS-MMDT4413 Datasheet
337Kb / 3P
COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
MMDT4413 DIODES-MMDT4413 Datasheet
59Kb / 4P
COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30121 Rev. 3P-1
MMDT4413 DIODES-MMDT4413 Datasheet
516Kb / 5P
COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30121 Rev. 8 - 2
MMDT4413 DIODES-MMDT4413 Datasheet
244Kb / 6P
COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 10 - 2
logo
Pan Jit International I...
MMDT4413 PANJIT-MMDT4413 Datasheet
227Kb / 9P
COMPLEMENTARY NPN/PNP SMALL SIGNAL SURGACE MOUNT TRANSISTOR
More results

Similar Description - MMDT4413

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
2SA562 TEL-2SA562 Datasheet
66Kb / 1P
Plastic-Encapsulated Transistors
2SA608S TEL-2SA608S Datasheet
63Kb / 1P
Plastic-Encapsulated Transistors
2SA812 TEL-2SA812 Datasheet
69Kb / 1P
Plastic-Encapsulated Transistors
2SA933AS TEL-2SA933AS Datasheet
64Kb / 1P
Plastic-Encapsulated Transistors
2SA940 TEL-2SA940 Datasheet
63Kb / 1P
Plastic-Encapsulated Transistors
2SD2583 TEL-2SD2583 Datasheet
56Kb / 1P
Plastic-Encapsulated Transistors
3DD13001 TEL-3DD13001 Datasheet
57Kb / 2P
Plastic-Encapsulated Transistors
3DD13005 TEL-3DD13005 Datasheet
58Kb / 1P
Plastic-Encapsulated Transistors
BD135 TEL-BD135 Datasheet
56Kb / 1P
Plastic-Encapsulated Transistors
logo
SeCoS Halbleitertechnol...
BC857BV SECOS-BC857BV Datasheet
257Kb / 2P
Dual PNP Plastic-Encapsulated Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com