Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDT4413 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # MMDT4413
Description  NPN - PNP Plastic-Encapsulated Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMDT4413 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  MMDT4413 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMDT4413 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMDT4413 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MMDT4413 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH MMDT4413 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Elektronische Bauelemente
MMDT4413
NPN - PNP
Plastic-Encapsulated Transistors
01-June-2005 Rev. B
Page 2 of 5
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
PNP ELECTRICAL CHARACTERISTICS at Ta = 25°C
Parameter
Symbol
Min.
Max.
Unit
Test Conditions
Collector-base breakdown voltage
V(BR)CBO
-40
-
V
IC= -100 μA, IE=0
Collector-emitter breakdown voltage
V(BR)CEO
-40
-
V
IC= -1 mA, IB=0
Emitter-base breakdown voltage
V(BR)EBO
5
-
V
IE= -100 μA, IC=0
Collector cut-off current
ICBO
-
-0.1
μ
A
VCB= -50 V, IE=0
Collector cut-off current
ICEO
-
-0.5
μ
A
VCE= -35 V, IB=0
Emitter cut-off current
IEBO
-
-0.1
μ
A
VEB= -5V, IC=0
hFE(1)
30
-
VCE= -1V, IC= -0.1mA
hFE(2)
60
-
VCE= -1V, IC= -1mA
hFE(3)
100
-
VCE= -1V, IC= -10mA
hFE(4)
100
300
VCE= -2V, IC= -150mA
DC current gain
hFE(5)
20
-
VCE= -2V, IC= -500mA
VCE(sat)1
-
-0.4
V
IC= -150 mA, IB= -15mA
Collector-emitter saturation voltage
VCE(sat)2
-
-0.75
V
IC= -500 mA, IB= -50mA
VBE(sat)1
-0.75
-0.95
V
IC= -150 mA, IB= -15mA
Base-emitter saturation voltage
VBE(sat)2
-
-1.3
V
IC= -500 mA, IB= -50mA
Transition frequency
f T
200
-
MHz
VCE= -10V, IC= -20mA, f=100MHz
Output Capacitance
COB
-
8.5
pF
VCB=-10V, IE= 0, f=1MHz
Delay time
td
-
15
nS
Rise time
tr
-
20
nS
VCC=-30 V, VBE=-2.0 V, IC=-150 mA, IB1=-15 mA
Storage time
ts
-
225
nS
Fall time
tf
-
30
nS
VCC=-30 V, IC=-150 mA, IB1 =-IB2 = -15 mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com