Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1152 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC1152
Description  PROGRAMMABLE SYNCHRONOUS DC/DC CONTROLLER FOR ADVANCED PROCESSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1152 Datasheet(HTML) 5 Page - Semtech Corporation

  SC1152 Datasheet HTML 1Page - Semtech Corporation SC1152 Datasheet HTML 2Page - Semtech Corporation SC1152 Datasheet HTML 3Page - Semtech Corporation SC1152 Datasheet HTML 4Page - Semtech Corporation SC1152 Datasheet HTML 5Page - Semtech Corporation SC1152 Datasheet HTML 6Page - Semtech Corporation SC1152 Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SC1152
PROGRAMMABLE SYNCHRONOUS DC/DC
CONTROLLER FOR ADVANCED PROCESSORS
© 1998 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
April 28, 1998
5
NOTE:
(1) All VID codes not specifically listed are invalid and cause shutdown exactly as if the shutdown pin had been
asserted.
OUTPUT VOLTAGE TABLE
Unless specified: V
CC = 4.75V to 5.25V; GND = PGND = 0V; FB = VO; 0mV < (CS(+) - CS(-)) < 60mV; TJ = 25°C
PARAMETER
CONDITIONS
VID
43210
MIN
TYP
MAX
UNITS
Output Voltage
(1)
I
O = 2A in Application Circuit
00101
1.782
1.800
1.818
V
(Figure 1)
00100
1.832
1.850
1.868
00011
1.881
1.900
1.919
00010
1.931
1.950
1.969
00001
1.980
2.000
2.020
00000
2.030
2.050
2.070
11111
1.980
2.000
2.020
11110
2.079
2.100
2.121
11101
2.178
2.200
2.222
11100
2.277
2.300
2.323
11011
2.376
2.400
2.424
11010
2.475
2.500
2.525
11001
2.574
2.600
2.626
11000
2.673
2.700
2.727
10111
2.772
2.800
2.828
10110
2.871
2.900
2.929
10101
2.970
3.000
3.030
10100
3.069
3.100
3.131
10011
3.168
3.200
3.232
10010
3.267
3.300
3.333
10001
3.366
3.400
3.434
10000
3.465
3.500
3.535
THEORY OF OPERATION
The voltage at the V
OSENSE pin is applied, through the internal precision resistor feedback chain, to the inverting
input of the error amplifier. The non-inverting input of the error amplifier is supplied with a DC voltage derived by
the DAC from the internal trimmed bandgap voltage reference. The output of the error amplifier is compared to
the triangular output of the internal oscillator to generate a fixed frequency, variable duty cycle pulse train. The
internal oscillator uses an on-chip capacitor and precision trimmed current sources to set the frequency to 200
kHz.
The generated pulse train is gated with the output of the current limit latch and the inhibit signal to produce a
drive signal for the upper FET. It is also inverted to produce a drive signal for the lower FET. These FET drive
signals are modified by the “shoot-through control” circuitry so that the top FET turn-on is delayed until the bottom
FET has turned off, and visa-versa.
The current limit latch is set (ending the upper FET drive pulse early) if the current limit comparator indicates an
overcurrent condition. The latch is reset at the start of each oscillator period.
The PWRGOOD and OVP signals are derived from the voltage at the V
OSENSE pin by comparators fed from the
internal feedback chain.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com