Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1152 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC1152
Description  PROGRAMMABLE SYNCHRONOUS DC/DC CONTROLLER FOR ADVANCED PROCESSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1152 Datasheet(HTML) 3 Page - Semtech Corporation

  SC1152 Datasheet HTML 1Page - Semtech Corporation SC1152 Datasheet HTML 2Page - Semtech Corporation SC1152 Datasheet HTML 3Page - Semtech Corporation SC1152 Datasheet HTML 4Page - Semtech Corporation SC1152 Datasheet HTML 5Page - Semtech Corporation SC1152 Datasheet HTML 6Page - Semtech Corporation SC1152 Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SC1152
PROGRAMMABLE SYNCHRONOUS DC/DC
CONTROLLER FOR ADVANCED PROCESSORS
© 1998 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
April 28, 1998
3
PIN CONFIGURATION
NOTE:
(1) All logic level inputs and outputs are open collector TTL compatible.
PIN DESCRIPTION
Pin #
Pin Name
Pin Function
1
GND
Small Signal Analog and Digital Ground
2V
CC
Chip Supply Voltage
3
OVP
High Signal Out if V
O > Setpoint + 20%
4
PWRGOOD
(1)
Open collector logic output, high if V
O within 10% of setpoint
5
CS(-)
Current Sense Input (negative)
6
CS(+)
Current Sense Input (positive)
7
PGNDH
Power Ground for High Side Switch
8
DH
High Side Driver Output
9
NC
Not Connected
10
PGNDL
Power Ground for Low Side Switch
11
DL
Low Side Driver Output
12
BSTL
Vcc for Low Side Driver (Boost)
13
BSTH
Vcc for High Side Driver (Boost)
14
SHUTDOWN
(1)
Logic Low shuts down the converter
15
VOSENSE
Top end of internal feedback chain
16
VID4
(1)
Programming Input (MSB)
17
VID3
(1)
Programming Input
18
VID2
(1)
Programming Input
19
VID1
(1)
Programming Input
20
VID0
(1)
Programming Input (LSB)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com