Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD101AWS Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SD101AWS
Description  0.015AMP Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SD101AWS Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SD101AWS Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SD101AWS Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SD101AWS THRU SD101CWS
VOLTAGE 40V ~ 60V
0.015AMP Surface Mount Schottky Barrier Rectifiers
●FEATURES
. Low forward voltage drop
. Guard ring construction for
transient protection
. Negligible reverse recovery time
. Low reverse capacitance
●MECHANICAL DATA
. Case: SOD-323, Molded plastic
. Epoxy: UL 94V-0 rate flame retardant
. Metallurgically bonded construction
. Polarity: Color band denotes cathode end
. Mounting position: Any
●MAXIMUM RATINGS
Rating 25℃ ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
SYMBOL
SD101CWS
SD101BWS
SD101AWS
UNIT
Peak Repetitive Reverse Voltage
VRRM
40
5
0
6
0
Working Peak Reverse Voltage
VRWM
40
5
0
6
0
Maximum DC Blocking Voltage
VR
40
5
0
6
0
RMS Reverse Voltage
VR(RMS)
28
35
42
V
Forward Continuous Current (Note1)
I FM
1
5
mA
Non-Repetitive Peak Forward Surge Current
@ t ≤ 1.0s
IFSM
2.0
A
Power Dissipation (Note 1)
Pd
200
mW
Thermal Resistance, Junction to Ambient Air (Note1)
RθJA
625
℃
/ W
Operating Temperature Range
Tj
-65 ~ +125
℃
Storage Temperature Range
TSTG
-65 ~ +125
℃
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
SOD-323
.010 (0.25)
min.
.012 (0.3)
.059 (1.5)
Cathode Band
Top View
.043 (1.1)
Dimensions in inches
and (millimeters)
Electrical Ratings @TA=25
OC.
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Reverse Breakdown Voltage
SD101AWS
SD101BWS
SD101CWS
V (BR)R
60
50
40
V
IR=10µA
IR=10µA
IR=10µA
Forward voltage
SD101AWS
SD101BWS
SD101CWS
SD101AWS
SD101BWS
SD101CWS
VF
0.41
0.40
0.39
1.00
0.95
0.90
V
IF=1.0mA
IF=1.0mA
IF=1.0mA
IF=15mA
IF=15mA
IF=15mA
Reverse current
SD101AWS
SD101BWS
SD101CWS
IRM
0.2
µA
VR=50V
VR=40V
VR=30V
Capacitance between terminals
SD101AWS
SD101BWS
SD101CWS
CT
2.0
2.1
2.2
pF
VR=0V,f=1.0MHz
Reverse Recovery Time
trr
1.0
ns
IF=IR=5mA
Irr=0.1XIR,RL=100Ω
Marking Code: SD101AWS=S1, SD101BWS=S2, SD101CWS=S3
01-Jun-2002 Rev. A
Page 1 of 2
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SD101AWS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SD101AWS DIODES-SD101AWS Datasheet
60Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30078 Rev. 4 - 2
SD101AWS DIODES-SD101AWS Datasheet
74Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30078 Rev. 8 - 2
logo
Won-Top Electronics
SD101AWS WTE-SD101AWS Datasheet
46Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Galaxy Semi-Conductor H...
SD101AWS BILIN-SD101AWS Datasheet
156Kb / 3P
Schottky Barrier Diode
Rev.A
logo
Guangdong Kexin Industr...
SD101AWS KEXIN-SD101AWS Datasheet
36Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - SD101AWS

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B220A WEITRON-B220A Datasheet
75Kb / 3P
Surface Mount Schottky Barrier Rectifiers
B320A WEITRON-B320A Datasheet
166Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD820T PANJIT-SD820T_05 Datasheet
427Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Galaxy Semi-Conductor H...
SS32 BILIN-SS32 Datasheet
86Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK12 BILIN-SK12 Datasheet
149Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
B320B BILIN-B320B Datasheet
97Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
Surface Mount Schottky Barrier Rectifiers
04-Aug-08
logo
SeCoS Halbleitertechnol...
SD101AWS SECOS-SD101AWS_15 Datasheet
1Mb / 2P
0.015AMP Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com