Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD101AWS Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SD101AWS
Description  0.015AMP Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SD101AWS Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SD101AWS Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SD101AWS Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
SD101AWS THRU SD101CWS
VOLTAGE 40V ~ 60V
0.015AMP Surface Mount Schottky Barrier Rectifiers
0
100
200
250
200
150
50
100
0
T , AMBIENT TEMPERATURE (
°C)
A
Fig.
2 Power Derating Curve, Total Package
0
0.2
0.4
0.6
0.8
1.4
1.2
1.0
1.8
1.6
0
10
5
20
25
15
35
30
40
V , REVERSE VOLTAGE (V)
R
Fig.
1 Typical Capacitance
f= 1.0MHz
0.1
1
10
100
1000
10000
0
20
10
30
60
50
40
V , REVERSE VOLTAGE (V)
R
Fig4.Typical Reverse Characteristics
T = -40ºC
A
T = 25ºC
A
T = 75ºC
A
T = 125ºC
A
T = 0ºC
A
0.1
0
1.0
10
0.4
0.6
0.2
0.8
1.2
1.0
1.4
1.6
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig.
3Typical Forward Characteristics
100
T = 125ºC
A
T = -40ºC
A
T = 75ºC
A
T = 25ºC
A
T = 0ºC
A
01-Jun-2002 Rev. A
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com