Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1155CSW Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC1155CSW
Description  PROGRAMMABLE SYNCHRONOUS DC/DC HYSTERETIC CONTROLLER WITH VRM 9.0 VID RANGE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1155CSW Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC1155CSW Datasheet HTML 4Page - Semtech Corporation SC1155CSW Datasheet HTML 5Page - Semtech Corporation SC1155CSW Datasheet HTML 6Page - Semtech Corporation SC1155CSW Datasheet HTML 7Page - Semtech Corporation SC1155CSW Datasheet HTML 8Page - Semtech Corporation SC1155CSW Datasheet HTML 9Page - Semtech Corporation SC1155CSW Datasheet HTML 10Page - Semtech Corporation SC1155CSW Datasheet HTML 11Page - Semtech Corporation SC1155CSW Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
SC1155
PROGRAMMABLE SYNCHRONOUS
DC/DC HYSTERETIC CONTROLLER
WITH VRM 9.0 VID RANGE
© 2000 SEMTECH CORP.
PRELIMINARY - August 7, 2000
8
DYNAMIC ELECTRICAL CHARACTERISTICS (cont.)
Unless specified: 0 < T
J < 125° C, VIN12V = 12V
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
HIGH-SIDE Vds SENSING (Cont.)
(1)
POWER GOOD
(1)
Comparator Propagation
Delay
t
PWRGD
1µs
SOFTSTART
(1)
Comparator Propagation
Delay
t
SLST
overdrive = 10mv
560
900
ns
DEADTIME
(2)
Driver Nonoverlap Time
t
NOL
C
LOWDR = 9nF, 10% threshold
on LOWDR
30
100
ns
LODRV
(1)
Propagation Delay
t
LODRVDLY
400
ns
Notes
(1) Guaranteed, but not tested.
(2) Test circuit and timing diagram.
(3) This device is ESD sensitive. Use of standard ESD handling precautions is required.
TEST CIRCUIT
TIMING DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com