Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1155CSW Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC1155CSW
Description  PROGRAMMABLE SYNCHRONOUS DC/DC HYSTERETIC CONTROLLER WITH VRM 9.0 VID RANGE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1155CSW Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC1155CSW Datasheet HTML 11Page - Semtech Corporation SC1155CSW Datasheet HTML 12Page - Semtech Corporation SC1155CSW Datasheet HTML 13Page - Semtech Corporation SC1155CSW Datasheet HTML 14Page - Semtech Corporation SC1155CSW Datasheet HTML 15Page - Semtech Corporation SC1155CSW Datasheet HTML 16Page - Semtech Corporation SC1155CSW Datasheet HTML 17Page - Semtech Corporation SC1155CSW Datasheet HTML 18Page - Semtech Corporation SC1155CSW Datasheet HTML 19Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
SC1155
PROGRAMMABLE SYNCHRONOUS
DC/DC HYSTERETIC CONTROLLER
WITH VRM 9.0 VID RANGE
© 2000 SEMTECH CORP.
PRELIMINARY - August 7, 2000
16
MATERIALS LIST
Quantity
Reference
Part/Description
Vendor
Notes
1
C5
0.001µF
6
C1-C4, C8, C11
0.01µF
3
C17-C19
150µF, 16V (TPS)
AVX
7
C6,C7,C9,C12,C16,C20, C27
0.1µF
2
C13,C14
0.33µF
6
C21-C26
150µF, 4V, (PosCap)
Sanyo
2
C10,C15
2.2µF, 16V
1
D1
MBRD1035
MOT
1
L1
1µH, DO5022P-102
Coilcraft
1
L2
1.5µH, DO5022P-152HC
Coilcraft
1
Q1
IRL3103NS, D2PAK
Int. Rect.
1
Q2
IRL2203NS, D2PAK
Int. Rect.
2RA,RB
0
Ω
1R1
2K
2
R2,R4
1K
1R3
2.7K
1
R5
100
1
R6
20K
1
R7
150
3
R8,R9,R10
10K
1
R11
2.2
1
R12
3.9
1
U1
SC1155, SO-28
SEMTECH
Layout guidelines
1. Locate R8 and C5 close to pins 6 and 7.
2. Locate C6 close to pins 5 and 7.
3. Components connected to IOUT, DROOP, OCP, VHYST, VREFB, VSENSE, and SOFTST should be refer-
enced to AGND.
4. The bypass capacitors C10 and C15 should be placed close to the IC and referenced to DRVGND.
5. Locate bootstrap capacitor C13 close to the IC.
6. Place bypass capacitor C14 close to Drain of the top FET and Source of the bottom FET to be effective.
7. Route HISENSE and LOSENSE close to each other to minimize induced differential mode noise.
8. Bypass a high frequency disturbance with ceramic capacitor at the point where HISENSE is connected to Vin.
9. Input bulk capacitors should placed as close as possible to the power FETs because of the very high ripple cur-
rent flow in this pass.
10. If Schottky diode used in parallel with a synchronous (bottom) FET, to achieve a greater efficiency at lower
Vout settings, it needs to be placed next to the aforementioned FET in very close proximity.
11. Since the feedback path relies on the accurate sampling of the output ripple voltage, the best results can be
achieved by connecting the AGND to the ground side of the bulk output capacitors.
12. DRVGND pin should be tight to the main ground plane utilizing very low impedance connection, e.g., multiple
vias.
13. In order to prevent substrate glitching, a small (0.5A) Schottky diode should be placed in close proximity to the
chip with the cathode connected to BOOTLO and anode connected to DRVGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com